Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPRCLAMP0534N Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPRCLAMP0534N Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPRCLAMP0534N
Download  TPRCLAMP0534N Download
File Size   1335.9 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance Array for ESD Protection Diode

TPRCLAMP0534N Datasheet (PDF)

Go To PDF Page Download Datasheet
TPRCLAMP0534N Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPRCLAMP0534N
Download  TPRCLAMP0534N Click to download

File Size   1335.9 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance Array for ESD Protection Diode

TPRCLAMP0534N Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPRCLAMP0534N Product details

Features

® Low operating voltage: 2.5V

@ Ultralow capacitance: 5pF (Max)

© Ultra low leakage: nA level

® Low clamping voltage

® Complies with following standards:

® — IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: 30kV

@ — IEC61000-4- (Lightning) 25A (8/20ps)

® — IEC61000-4-4 (EFT) 40A (5/50ns)

© RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - TPRCLAMP0534N

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPRCLAMP0504F TECHPUBLIC-TPRCLAMP0504F Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPRCLAMP0504N TECHPUBLIC-TPRCLAMP0504N Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
TPRCLAMP0524P TECHPUBLIC-TPRCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP0542T TECHPUBLIC-TPRCLAMP0542T Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - TPRCLAMP0534N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
Low Capacitance ESD Protection Diode Array
02-Mar-05
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
Ultra-Low Capacitance Diode Array for ESD Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
Low Capacitance TVS Diode Array for ESD Protection
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
Rev 5
logo
STMicroelectronics
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
Automotive low capacitance diode array for ESD protection
07-Nov-2012
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
Low-Capacitance TVS Diode Array for ESD Protection
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
Low Capacitance Array for ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com