Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2740148 Datasheet (PDF) - PHOENIX CONTACT

2740148 Datasheet PDF - PHOENIX CONTACT
Part # 2740148
Download  2740148 Download
File Size   187.55 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IBS RBC-T/ - Remote bus cable

2740148 Datasheet (PDF)

Go To PDF Page Download Datasheet
2740148 Datasheet PDF - PHOENIX CONTACT

Part # 2740148
Download  2740148 Click to download

File Size   187.55 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IBS RBC-T/ - Remote bus cable

2740148 Datasheet (HTML) - PHOENIX CONTACT


2740148 Product details

Remote bus cable, standard, 3 x 2 x 0.22 mm2




Similar Part No. - 2740148

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
27401 PRESTO-27401 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2740106 PHOENIX-2740106 Datasheet
194Kb / 6P
Inline digital output terminal block, without accessories, 2 outputs, 24 V DC, 500 mA, 4-wire connection method
2740112 PHOENIX-2740112 Datasheet
180Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs with negative logic, 24 V DC, 2, 3, and 4-wire connection method
2740180 PHOENIX-2740180 Datasheet
57Kb / 3P
Connector set, for Inline input terminal blocks with AC voltage
More results


Similar Description - 2740148

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBC-1217-D48P-C MURATA-RBC-1217-D48P-C Datasheet
353Kb / 10P
RBC-12/17-D48 Series Quarter Brick, Regulated Bus Converters
logo
PHOENIX CONTACT
2861441 PHOENIX-2861441 Datasheet
169Kb / 9P
IBS IL 24 RB-T-PAC
2861580 PHOENIX-2861580 Datasheet
199Kb / 5P
IBS IL 24 BK-T/U-PAC
2861962 PHOENIX-2861962 Datasheet
109Kb / 3P
IBS IL 24 RB-T-2MBD-PAC
2725040 PHOENIX-2725040 Datasheet
91Kb / 2P
IBS RL 24 ADAP-LK/T
2731898 PHOENIX-2731898 Datasheet
55Kb / 3P
Bus connector - IBS RL PLUG-T
2723123 PHOENIX-2723123 Datasheet
90Kb / 5P
Remote bus cable - IBS RBC METER/F-T
09/12/2020
2731775 PHOENIX-2731775 Datasheet
57Kb / 3P
Cable - IBS PWR/5HD/F
09/12/2020
logo
Lapp.
DB2170207 LAPP-DB2170207 Datasheet
71Kb / 2P
UBITRONIC BUS IBS Yv
30.10.2015
logo
PHOENIX CONTACT
2701150 PHOENIX-2701150 Datasheet
684Kb / 14P
Bus coupler - IBS IL 24 BK-T/U-XC-PAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com