Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA214250 Datasheet (PDF) - Renesas Technology Corp

RAA214250 Datasheet PDF - Renesas Technology Corp
Part # RAA214250
Download  RAA214250 Download
File Size   1507.91 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500mA 20V Wide Input Voltage Range LDO Linear Regulator

RAA214250 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA214250 Datasheet PDF - Renesas Technology Corp

Part # RAA214250
Download  RAA214250 Click to download

File Size   1507.91 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500mA 20V Wide Input Voltage Range LDO Linear Regulator

RAA214250 Datasheet (HTML) - Renesas Technology Corp


RAA214250 Product details

▪ Wide input voltage range: 2.5V to 20V
▪ Maximum output current: 500mA
▪ Low dropout voltage: 269mV typical at 500mA
▪ Low ground current
▪ Output voltage adjustable: 1.224V to 18V
▪ Excellent line and load regulation
▪ Stable with 1μF - 200μF MLCC output capacitor
▪ Short-circuit current limit with foldback
▪ Over-temperature shutdown protection
▪ 8 Ld DFN (3mm×3mm) and SOIC package




Similar Part No. - RAA214250

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
More results


Similar Description - RAA214250

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Infineon Technologies A...
IFX1763 INFINEON-IFX1763_15 Datasheet
2Mb / 31P
Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
logo
ON Semiconductor
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785B ONSEMI-NCP785B Datasheet
132Kb / 8P
Wide Input Voltage Range PSRR Linear Regulator
February, 2014 ??Rev. P0
NCP786A ONSEMI-NCP786A Datasheet
107Kb / 7P
Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1
logo
Infineon Technologies A...
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com