Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADW1109W Datasheet (PDF) - Panasonic Semiconductor

ADW1109W Datasheet PDF - Panasonic Semiconductor
Part # ADW1109W
Download  ADW1109W Download
File Size   277.15 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1 Form A 8A/16A, Small Polarized Power Relays (latching type)

ADW1109W Datasheet (PDF)

Go To PDF Page Download Datasheet
ADW1109W Datasheet PDF - Panasonic Semiconductor

Part # ADW1109W
Download  ADW1109W Click to download

File Size   277.15 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1 Form A 8A/16A, Small Polarized Power Relays (latching type)

ADW1109W Datasheet (HTML) - Panasonic Semiconductor


ADW1109W Product details

FEATURES
1. Low profile type available (h = 15.8 mm .622 inch)
2. Inrush type available (TV-8 UL/C-UL approved)
3. IEC60335-1* compliant type available (PTI 325V VDE approved)
4. Reflow possible (pin-in-paste)
5. Certified by UL/C-UL, VDE

TYPICAL APPLICATIONS
1. Lighting control equipment
2. Smart meters
3. Industrial equipment
4. Security equipment
5. Home appliances
6. Various power supplies




Similar Part No. - ADW1109W

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
ADW1016 DORJI-ADW1016 Datasheet
198Kb / 12P
Source Codes for DRA818U/DRA818V
More results


Similar Description - ADW1109W

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com