Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83822IF Datasheet (PDF) - Texas Instruments

DP83822IF Datasheet PDF - Texas Instruments
Part # DP83822IF
Download  DP83822IF Download
File Size   2986.55 Kbytes
Page   133 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83822 Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver

DP83822IF Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83822IF Datasheet PDF - Texas Instruments

Part # DP83822IF
Download  DP83822IF Click to download

File Size   2986.55 Kbytes
Page   133 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83822 Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver

DP83822IF Datasheet (HTML) - Texas Instruments


DP83822IF Product details

1 Features
• Ultra-robust 10/100Mbs PHY
– IEC 61000-4-2 ESD: +/- 8KV contact discharge
– IEC 61000-4-4 EFT: Class A at 4KV
– CISPR 22 conducted emissions: Class B
– CISPR 22 radiated emissions: Class B
– Operating temperature: -40C to 125C
• MAC interfaces: RGMII / RMII / MII
• IEEE 802.3u compliant: 100BASE-FX, 100BASETX
and 10BASE-Te
• Flexible supply options
– Low power single supply options
• 1.8V AVD < 120 mW
• 3.3-V AVD < 220 mW
– Available I/O voltages: 3.3V/2.5V/1.8V
• Power saving features
– Energy efficient Ethernet (EEE) IEEE 802.3az
– WoL (Wake-on-LAN) support with magic packet
detection
– Programmable energy savings modes
• Start of frame detect for IEEE 1588 time stamp
• Diagnostic tools: Cable diagnostics, BIST (Built-in
self-test), loopback, rapid link-down detection
• Auto-crossover in force modes

2 Applications
• Motor drives
• Factory automation, robotics and motion control
• Grid infrastructure
• Building automation
• Industrial Ethernet fieldbus
• Real Time Industrial Ethernet Applications such as
ProfiNET®

3 Description
Designed for harsh industrial environments, the
DP83822 is an ultra-robust, low-power single-port
10/100 Mbps Ethernet PHY. The DP83822 provides
all physical layer functions needed to transmit
and receive data over standard twisted-pair cables,
or connect to an external fiber optic transceiver.
Additionally, the DP83822 provides flexibility to
connect to a MAC through a standard MII, RMII, or
RGMII interface.
The DP83822 offers integrated cable diagnostic tools,
built-in self-test, and loopback capabilities for ease of
use. The device supports multiple industrial fieldbuses
with fast link-down detection as well as Auto-MDIX in
forced modes.
The DP83822 offers an remarkable and robust
approach for reducing power consumption through
EEE, WoL and other programmable energy savings
modes.
The DP83822 is a feature rich and pin-to-pin
upgradeable option for the TLK105, TLK106,
TLK105L and TLK106L 10/100 Mbps Ethernet PHYs.
The DP83822 comes in a 32-pin 5.00-mm × 5.00-mm
VQFN package.




Similar Part No. - DP83822IF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83822IF TI1-DP83822IF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83822IF TI1-DP83822IF Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83822IF TI1-DP83822IF Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83822IFRHBR TI1-DP83822IFRHBR Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83822IFRHBT TI1-DP83822IFRHBT Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results


Similar Description - DP83822IF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I_V01 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI-DP83825I_V02 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com