Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IFVS/NOPBG4 Datasheet (PDF) - Texas Instruments

DP83849IFVS/NOPBG4 Datasheet PDF - Texas Instruments
Part # DP83849IFVS/NOPBG4
Download  DP83849IFVS/NOPBG4 Download
File Size   1062.82 Kbytes
Page   108 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver

DP83849IFVS/NOPBG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83849IFVS/NOPBG4 Datasheet PDF - Texas Instruments

Part # DP83849IFVS/NOPBG4
Download  DP83849IFVS/NOPBG4 Click to download

File Size   1062.82 Kbytes
Page   108 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver

DP83849IFVS/NOPBG4 Datasheet (HTML) - Texas Instruments


DP83849IFVS/NOPBG4 Product details

1.1 Features
123• Low-Power 3.3V, 0.18μm CMOS Technology
• Low Power Consumption <600mW Typical
• 3.3V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• Flexible MII Port Assignment
• Dynamic Integrity Utility
• Dynamic Link Quality Monitoring
• TDR based Cable Diagnostic and Cable Length
Detection
• Optimized Latency for Real Time Ethernet
Operation
• Reference Clock Out
• RMII Rev. 1.2 Interface (Configurable)
• SNI Interface (Configurable)
• MII Serial Management Interface (MDC and
MDIO)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel
Detection
• IEEE 802.3u ENDEC, 10BASE-T Transceivers
and Filters
• IEEE 802.3u PCS, 100BASE-TX Transceivers
and Filters
• IEEE 802.3u 100BASE-FX Fiber Interface
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 Compliant TP-PMD
Physical Sub-Layer with Adaptive Equalization
and Baseline Wander Compensation
• Programmable LED Support for Link, 10 /100
Mb/s Mode, Activity, Duplex and Collision
Detect
• Single Register Access for Complete PHY
Status
• 10/100 Mb/s Packet BIST (Built in Self Test)
• 80-pin TQFP Package (12mm x 12mm)

1.2 Applications
• Medical Instrumentation
• Factory Automation
• Motor & Motion Control
• Wireless Remote Base Station
• General Embedded Applications

1.3 Description
The number of applications requiring Ethernet Connectivity continues to expand. Along with this increased
market demand is a change in application requirements. Where single channel Ethernet used to be
sufficient, many applications such as wireless remote base stations and industrial networking now require
DUAL Port functionality for redundancy or system management.
The DP83849IF is a highly reliable, feature rich device perfectly suited for industrial applications enabling
Ethernet on the factory floor. The DP83849IF features two fully independent 10/100 ports for multi-port
applications. Texas Instruments’ unique port switching capability also allows the two ports to be configured
to provide fully integrated range extension, media conversion, hardware based failover and port
monitoring.
The DP83849IF provides optimum flexibility in MPU selection by supporting both MII and RMII interfaces.
The device also provides flexibility by supporting both copper and fiber media. In addition this device
includes a powerful new diagnostics tool to ensure initial network operation and maintenance.
In addition to the TDR scheme, commonly used for detecting faults during installation, TI’s innovative
cable diagnostics provides for real time continuous monitoring of the link quality. This allows the system
designer to implement a fault prediction mechanism to detect and warn of changing or deteriorating link
conditions.
With the DP83849IF, TI continues to build on its Ethernet expertise and leadership position by providing a
powerful combination of features and flexibility, easing Ethernet implementation for the system designer.




Similar Part No. - DP83849IFVS/NOPBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83849IFVS/NOPBG4.A TI2-DP83849IFVS/NOPBG4.A Datasheet
1Mb / 108P
DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
REVISED APRIL 2013
More results


Similar Description - DP83849IFVS/NOPBG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF Datasheet
3Mb / 108P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_06 Datasheet
3Mb / 108P
DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849I NSC-DP83849I_08 Datasheet
3Mb / 106P
PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID_08 Datasheet
3Mb / 98P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF NSC-DP83849IF_08 Datasheet
1Mb / 90P
PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
logo
Texas Instruments
DP83849IF TI1-DP83849IF_14 Datasheet
1Mb / 104P
PHYTER??DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
DP83849I TI1-DP83849I_15 Datasheet
1Mb / 98P
DP83849I PHYTER DUAL Industrial Temperature With Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF TI1-DP83849IF_15 Datasheet
1Mb / 105P
DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com