Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8300 Datasheet (PDF) - Texas Instruments

DRV8300 Datasheet PDF - Texas Instruments
Part # DRV8300
Download  DRV8300 Download
File Size   2671.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8300: 100-V Three-Phase BLDC Gate Driver

DRV8300 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8300 Datasheet PDF - Texas Instruments

Part # DRV8300
Download  DRV8300 Click to download

File Size   2671.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8300: 100-V Three-Phase BLDC Gate Driver

DRV8300 Datasheet (HTML) - Texas Instruments


DRV8300 Product details

1 Features
• 100-V Three Phase Half-Bridge Gate driver
– Drives N-Channel MOSFETs (NMOS)
– Gate Driver Supply (GVDD): 5-20 V
– MOSFET supply (SHx) support upto 100 V
• Integrated Bootstrap Diodes (DRV8300D devices)
• Supports Inverting and Non-Inverting INLx inputs
• Bootstrap gate drive architecture
– 750-mA source current
– 1.5-A sink current
• Supports up to 15S battery powered applications
• Low leakage current on SHx pins (<55 μA)
• Absolute maximum BSTx voltage upto 125-V
• Supports negative transients upto -22-V on SHx
• Built-in cross conduction prevention
• Adjustable deadtime through DT pin for QFN
package variants
• Fixed deadtime insertion of 200 nS for TSSOP
package variants
• Supports 3.3-V and 5-V logic inputs with 20 V Abs
max
• 4 nS typical propogation delay matching
• Compact QFN and TSSOP packages
• Efficient system design with Power Blocks
• Integrated protection features
– BST undervoltage lockout (BSTUV)
– GVDD undervoltage (GVDDUV)

2 Applications
• E-Bikes, E-Scooters, and E-Mobility
• Fans, Pumps, and Servo Drives
• Brushless-DC (BLDC) Motor Modules and PMSM
• Cordless Garden and Power Tools, Lawnmowers
• Cordless Vacuum Cleaners
• Drones, Robotics, and RC Toys
• Industrial and Logistics Robots

3 Description
DRV8300 is 100-V three half-bridge gate drivers,
capable of driving high-side and low-side N-channel
power MOSFETs. The DRV8300D generates the
correct gate drive voltages using an integrated
bootstrap diode and external capacitor for the highside
MOSFETs. The DRV8300N generates the correct
gate drive voltages using an external bootstrap diode
and external capacitor for the high-side MOSFETs.
GVDD is used to generate gate drive voltage for
the low-side MOSFETs. The Gate Drive architecture
supports peak up to 750-mA source and 1.5-A sink
currents.
The phase pins SHx is able to tolerate the significant
negative voltage transients; while high side gate
driver supply BSTx and GHx is able to support
to higher positive voltage transients (125-V) abs
max voltage which improves robustness of the
system. Small propagation delay and delay matching
specifications minimize the dead-time requirement
which further improves efficiency. Undervoltage
protection is provided for both low and high side
through GVDD and BST undervoltage lockout.




Similar Part No. - DRV8300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 26P
DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300D TI-DRV8300D Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
More results


Similar Description - DRV8300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com