Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8313PWP.B Datasheet (PDF) - Texas Instruments

DRV8313PWP.B Datasheet PDF - Texas Instruments
Part # DRV8313PWP.B
Download  DRV8313PWP.B Download
File Size   1900.98 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8313 2.5-A Triple 1/2-H Bridge Driver

DRV8313PWP.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8313PWP.B Datasheet PDF - Texas Instruments

Part # DRV8313PWP.B
Download  DRV8313PWP.B Click to download

File Size   1900.98 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8313 2.5-A Triple 1/2-H Bridge Driver

DRV8313PWP.B Datasheet (HTML) - Texas Instruments


DRV8313PWP.B Product details

1 Features
1• Triple 1/2-H Bridge Driver IC
– 3-Phase brushless DC Motors
– Solenoid and Brushed DC Motors
• High Current-Drive Capability: 2.5-A Peak
• Low MOSFET ON-Resistance
• Independent 1/2-H-Bridge Control
• Uncommitted Comparator Can Be Used for
Current Limit or Other Functions
• Built-In 3.3-V 10-mA LDO Regulator
• 8-V to 60-V Operating Supply-Voltage Range
• Sleep Mode for Standby Operation
• Small Package and Footprint
– 28-Pin HTSSOP (PowerPAD™ Package)
– 36-Pin VQFN

2 Applications
• Camera Gimbals
• HVAC Motors
• Office Automation Machines
• Factory Automation and Robotics

3 Description
The DRV8313 provides three individually controllable
half-H-bridge drivers. The device is intended to drive
a three-phase brushless-DC motor, although it can
also be used to drive solenoids or other loads. Each
output driver channel consists of N-channel power
MOSFETs configured in a 1/2-H-bridge configuration.
Each 1/2-H-bridge driver has a dedicated ground
terminal, which allows independent external current
sensing.
An uncommitted comparator is integrated into the
DRV8313, which allows for the construction of
current-limit circuitry or other functions.
Internal protection functions are provided for
undervoltage, charge pump faults, overcurrent, short
circuits, and overtemperature. Fault conditions are
indicated by the nFAULT pin.




Similar Part No. - DRV8313PWP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313PWP TI-DRV8313PWP Datasheet
870Kb / 19P
The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWP TI1-DRV8313PWP Datasheet
871Kb / 18P
DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWP TI1-DRV8313PWP Datasheet
1Mb / 37P
2.5-A Triple 1/2-H Bridge Driver
DRV8313PWPR TI-DRV8313PWPR Datasheet
870Kb / 19P
The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWPR TI1-DRV8313PWPR Datasheet
871Kb / 18P
DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
More results


Similar Description - DRV8313PWP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
QUAD 1/2-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8313 TI1-DRV8313_15 Datasheet
1Mb / 37P
2.5-A Triple 1/2-H Bridge Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
Shenzhen Huazhimei Semi...
HM9110A HMSEMI-HM9110A Datasheet
925Kb / 9P
2.5-12.0V 1.2A single channel H-bridge driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com