Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8320H Datasheet (PDF) - Texas Instruments

DRV8320H Datasheet PDF - Texas Instruments
Part # DRV8320H
Download  DRV8320H Download
File Size   7508.24 Kbytes
Page   114 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV832x 6 to 60-V Three-Phase Smart Gate Driver

DRV8320H Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8320H Datasheet PDF - Texas Instruments

Part # DRV8320H
Download  DRV8320H Click to download

File Size   7508.24 Kbytes
Page   114 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV832x 6 to 60-V Three-Phase Smart Gate Driver

DRV8320H Datasheet (HTML) - Texas Instruments


DRV8320H Product details

1 Features
• Triple Half-Bridge Gate Driver
– Drives 3 High-Side and 3 Low-Side N-Channel
MOSFETs (NMOS)
• Smart Gate Drive Architecture
– Adjustable Slew Rate Control
– 10-mA to 1-A Peak Source Current
– 20-mA to 2-A Peak Sink Current
• Integrated Gate Driver Power Supplies
– Supports 100% PWM Duty Cycle
– High-Side Charge Pump
– Low-Side Linear Regulator
• 6 to 60-V Operating Voltage Range
• Optional Integrated Buck Regulator
– LMR16006X SIMPLE SWITCHER®
– 4 to 60-V Operating Voltage Range
– 0.8 to 60-V, 600-mA Output Capability
• Optional Integrated Triple Current Sense
Amplifiers (CSAs)
– Adjustable Gain (5, 10, 20, 40 V/V)
– Bidirectional or Unidirectional Support
• SPI and Hardware Interface Available
• 6x, 3x, 1x, and Independent PWM Modes
• Supports 1.8-V, 3.3-V, and 5-V Logic Inputs
• Low-Power Sleep Mode (12 μA)
• Linear Voltage Regulator, 3.3 V, 30 mA
• Compact QFN Packages and Footprints
• Efficient System Design With Power Blocks
• Integrated Protection Features
– VM Undervoltage Lockout (UVLO)
– Charge Pump Undervoltage (CPUV)
– MOSFET Overcurrent Protection (OCP)
– Gate Driver Fault (GDF)
– Thermal Warning and Shutdown (OTW/OTSD)
– Fault Condition Indicator (nFAULT)

2 Applications
• Brushless-DC (BLDC) Motor Modules and PMSM
• Fans, Pumps, and Servo Drives
• E-Bikes, E-Scooters, and E-Mobility
• Cordless Garden and Power Tools, Lawnmowers
• Cordless Vacuum Cleaners
• Drones, Robotics, and RC Toys
• Industrial and Logistics Robots

3 Description
The DRV832x family of devices is an integrated gate
driver for three-phase applications. The devices
provide three half-bridge gate drivers, each capable
of driving high-side and low-side N-channel power
MOSFETs. The DRV832x generates the correct gate
drive voltages using an integrated charge pump for
the high-side MOSFETs and a linear regulator for the
low-side MOSFETs. The Smart Gate Drive
architecture supports peak gate drive currents up to
1-A source and 2-A. The DRV832x can operate from
a single power supply and supports a wide input
supply range of 6 to 60 V for the gate driver and 4 to
60 V for the optional buck regulator.
The 6x, 3x, 1x, and independent input PWM modes
allow for simple interfacing to controller circuits. The
configuration settings for the gate driver and device
are highly configurable through the SPI or hardware
(H/W) interface. The DRV8323 and DRV8323R
devices integrate three low-side current sense
amplifiers that allow bidirectional current sensing on
all three phases of the drive stage. The DRV8320R
and DRV8323R devices integrate a 600-mA buck
regulator.
A low-power sleep mode is provided to achieve low
quiescent current draw by shutting down most of the
internal circuitry. Internal protection functions are
provided for undervoltage lockout, charge pump fault,
MOSFET overcurrent, MOSFET short circuit, gate
driver fault, and overtemperature. Fault conditions are
indicated on the nFAULT pin with details through the
device registers for SPI device variants.




Similar Part No. - DRV8320H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320H TI1-DRV8320H Datasheet
2Mb / 80P
6 to 60-V Three-Phase Smart Gate Driver
DRV8320HRTVR TI1-DRV8320HRTVR Datasheet
3Mb / 89P
6 to 60-V Three-Phase Smart Gate Driver
DRV8320HRTVT TI1-DRV8320HRTVT Datasheet
3Mb / 89P
6 to 60-V Three-Phase Smart Gate Driver
More results


Similar Description - DRV8320H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com