Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF198H Datasheet (PDF) - Texas Instruments

LF198H Datasheet PDF - Texas Instruments
Part # LF198H
Download  LF198H Download
File Size   3231.14 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LFx98x Monolithic Sample-and-Hold Circuits

LF198H Datasheet (PDF)

Go To PDF Page Download Datasheet
LF198H Datasheet PDF - Texas Instruments

Part # LF198H
Download  LF198H Click to download

File Size   3231.14 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LFx98x Monolithic Sample-and-Hold Circuits

LF198H Datasheet (HTML) - Texas Instruments


LF198H Product details

1 Features
1• Operates from ±5-V to ±18-V Supplies
• Less than 10-μs Acquisition Time
• Logic Input Compatible With TTL, PMOS, CMOS
• 0.5-mV Typical Hold Step at Ch = 0.01 μF
• Low Input Offset
• 0.002% Gain Accuracy
• Low Output Noise in Hold Mode
• Input Characteristics Do Not Change During Hold
Mode
• High Supply Rejection Ratio in Sample or Hold
• Wide Bandwidth
• Space Qualified, JM38510

2 Applications
• Ramp Generators With Variable Reset Level
• Integrators With Programmable Reset Level
• Synchronous Correlators
• 2-Channel Switches
• DC and AC Zeroing
• Staircase Generators

3 Description
The LFx98x devices are monolithic sample-and-hold
circuits that use BI-FET technology to obtain ultrahigh
DC accuracy with fast acquisition of signal and low
droop rate. Operating as a unity-gain follower, DC
gain accuracy is 0.002% typical and acquisition time
is as low as 6 μs to 0.01%. A bipolar input stage is
used to achieve low offset voltage and wide
bandwidth. Input offset adjust is accomplished with a
single pin and does not degrade input offset drift. The
wide bandwidth allows the LFx98x to be included
inside the feedback loop of 1-MHz operational
amplifiers without having stability problems. Input
impedance of 1010 Ω allows high-source impedances
to be used without degrading accuracy.
P-channel junction FETs are combined with bipolar
devices in the output amplifier to give droop rates as
low as 5 mV/min with a 1-μF hold capacitor. The
JFETs have much lower noise than MOS devices
used in previous designs and do not exhibit high
temperature instabilities. The overall design ensures
no feedthrough from input to output in the hold mode,
even for input signals equal to the supply voltages.
Logic inputs on the LFx98x are fully differential with
low input current, allowing for direct connection to
TTL, PMOS, and CMOS. Differential threshold is
1.4 V. The LFx98x will operate from ±5-V to ±18-V
supplies.
An A version is available with tightened electrical
specifications.




Similar Part No. - LF198H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF198H NSC-LF198H Datasheet
520Kb / 13P
Monolithic Sample-and-Hold Circuits
logo
Linear Technology
LF198H LINER-LF198H Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
logo
Texas Instruments
LF198H TI1-LF198H Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF198H TI1-LF198H Datasheet
3Mb / 38P
LFx98x Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198H/883 NSC-LF198H/883 Datasheet
520Kb / 13P
Monolithic Sample-and-Hold Circuits
More results


Similar Description - LF198H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
LF198JAN Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198-N TI1-LF198-N_V01 Datasheet
3Mb / 38P
LFx98x Monolithic Sample-and-Hold Circuits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com