Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317A Datasheet (PDF) - Texas Instruments

LM317A Datasheet PDF - Texas Instruments
Part # LM317A
Download  LM317A Download
File Size   4413.94 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM317A 1% Accurate 1.5A Adjustable Voltage Regulator

LM317A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317A Datasheet PDF - Texas Instruments

Part # LM317A
Download  LM317A Click to download

File Size   4413.94 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM317A 1% Accurate 1.5A Adjustable Voltage Regulator

LM317A Datasheet (HTML) - Texas Instruments


LM317A Product details

1 Features
1• For a newer drop-in alternative, see the LM317
• Typical 0.005%/V line regulation
• 1% output voltage tolerance
• 1.5-A output current
• Adjustable output down to 1.25 V
• Input-output differential up to 40 V
• Current limit constant with temperature
• No output capacitor required
• Short-circuit protected output
• −40°C to 125°C operating temperature range

2 Applications
• Automotive LED lighting
• Battery chargers
• Post regulation for switching supplies
• Constant-current regulator
• Microprocessor supplies

3 Description
The LM317A adjustable 3-terminal, positive-voltage
regulators are capable of supplying current in excess
of 1.5 A over a 1.25-V to 37-V output range and
provide 1% output-voltage accuracy. Both line
regulation and load regulation are better achieved
with the LM317A device than with standard fixed
regulators.
The LM317A offers full overload protection such as
over current, thermal-overload protection, and safearea
protection. All overload protection circuitry
remains fully functional even if the adjustment
terminal is disconnected.
Typically, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors, in which case an input bypass is needed.
An optional output capacitor can be added to improve
transient response and can be replaced with a
ceramic and appropriate ESR. The adjustment
terminal can be bypassed to achieve very high ripplerejection
ratios that are difficult to achieve with
standard 3-terminal regulators.
Because the LM317A regulator is floating and detects
only the input-to-output differential voltage, supplies
of several hundred volts can be regulated as long as
the maximum input-to-output differential is not
exceeded. Exceeding the maximum input-to-output
deferential will result in short-circuiting the output. By
connecting a fixed resistor between the adjustment
pin and output, the LM317A can be also used as a
precision current regulator.
For applications requiring greater output current, see
the LM150 series (3A) and LM138 series (5A) data
sheets. For the negative complement, see the LM137
series data sheet.




Similar Part No. - LM317A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317A NSC-LM317A Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM317A NSC-LM317A Datasheet
1,013Kb / 28P
3-Terminal Adjustable Regulator
logo
Unisonic Technologies
LM317A UTC-LM317A Datasheet
256Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A Datasheet
227Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - LM317A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM117 TI1-LM117 Datasheet
3Mb / 38P
LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AEMP TI1-LM317AEMP Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117 TI-LM117_15 Datasheet
3Mb / 41P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317J FCI-LM317J Datasheet
365Kb / 3P
3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com