Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA198AIDBVR Datasheet (PDF) - Texas Instruments

INA198AIDBVR Datasheet PDF - Texas Instruments
Part # INA198AIDBVR
Download  INA198AIDBVR Download
File Size   857.09 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range

INA198AIDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
INA198AIDBVR Datasheet PDF - Texas Instruments

Part # INA198AIDBVR
Download  INA198AIDBVR Click to download

File Size   857.09 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range

INA198AIDBVR Datasheet (HTML) - Texas Instruments


INA198AIDBVR Product details

1 Features
1• Wide Common-Mode Voltage:
−16 V to +80 V
• Low Error: 3.0% Over Temp (maximum)
• Bandwidth: Up to 500 kHz
• Three Transfer Functions Available: 20 V/V, 50
V/V, and 100 V/V
• Quiescent Current: 900 μA (maximum)
• Complete Current Sense Solution

2 Applications
• Welding Equipment
• Notebook Computers
• Cell Phones
• Telecom Equipment
• Automotive
• Power Management
• Battery Chargers

3 Description
The INA193−INA198 family of current shunt monitors
with voltage output can sense drops across shunts at
common-mode voltages from −16 V to +80 V,
independent of the INA19x supply voltage. They are
available with three output voltage scales: 20 V/V, 50
V/V, and 100 V/V. The 500 kHz bandwidth simplifies
use in current control loops. The INA193−INA195
devices provide identical functions but alternative pin
configurations to the INA196−INA198 devices,
respectively.
The INA193−INA198 devices operate from a single
2.7-V to 18-V supply, drawing a maximum of 900 μA
of supply current. They are specified over the
extended operating temperature range (−40°C to
+125°C), and are offered in a space-saving SOT-23
package.




Similar Part No. - INA198AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA198AIDBVR BURR-BROWN-INA198AIDBVR Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
Texas Instruments
INA198AIDBVR TI1-INA198AIDBVR Datasheet
513Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA198AIDBVR TI1-INA198AIDBVR Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVR TI1-INA198AIDBVR Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVR TI2-INA198AIDBVR Datasheet
846Kb / 33P
INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
REVISED JANUARY 2015
More results


Similar Description - INA198AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com