Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358BIDR.A Datasheet (PDF) - Texas Instruments

LM358BIDR.A Datasheet PDF - Texas Instruments
Part # LM358BIDR.A
Download  LM358BIDR.A Download
File Size   4019.22 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Industry-Standard Dual Operational Amplifiers

LM358BIDR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM358BIDR.A Datasheet PDF - Texas Instruments

Part # LM358BIDR.A
Download  LM358BIDR.A Click to download

File Size   4019.22 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Industry-Standard Dual Operational Amplifiers

LM358BIDR.A Datasheet (HTML) - Texas Instruments


LM358BIDR.A Product details

1 Features
• Wide supply range of 3V to 36V (B, BA versions)
• Quiescent current: 300μA/ch (B, BA versions)
• Unity-gain bandwidth of 1.2MHz (B, BA versions)
• Common-mode input voltage range includes
ground, enabling direct sensing near ground
• 2mV input offset voltage maximum at 25°C (BA
version)
• 3mV input offset voltage maximum at 25°C (A, B
versions)
• Internal RF and EMI filter (B, BA versions)
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. On
all other products, production processing does not
necessarily include testing of all parameters.

2 Applications
• Merchant network and server power supply units
• Multi-function printers
• Power supplies and mobile chargers
• Motor control: AC induction, brushed DC,
brushless DC, high-voltage, low-voltage,
permanent magnet, and stepper motor
• Desktop PC and motherboard
• Indoor and outdoor air conditioners
• Washers, dryers, and refrigerators
• AC inverters, string inverters, central inverters, and
voltage frequency drives
• Uninterruptible power supplies
• Electronic point-of-sale systems

3 Description
The LM358B and LM2904B devices are the
next-generation versions of the industry-standard
operational amplifiers (op amps) LM358 and LM2904,
which include two high-voltage (36V) op amps. These
devices provide outstanding value for cost-sensitive
applications, with features including low offset (300μV,
typical), common-mode input range to ground, and
high differential input voltage capability.
The LM358B and LM2904B op amps simplify circuit
design with enhanced features such as unity-gain
stability, lower offset voltage maximum of 3mV (2mV
maximum for LM358BA and LM2904BA), and lower
quiescent current of 300μA per amplifier (typical).
High ESD (2kV, HBM) and integrated EMI and RF
filters enable the LM358B and LM2904B devices to be
used in the most rugged, environmentally challenging
applications.
The LM358B and LM2904B amplifiers are available
in micro-sized packaging, such as the SOT23-8, as
well as industry standard packages including SOIC,
TSSOP, and VSSOP.




Similar Part No. - LM358BIDR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358BIDR TI1-LM358BIDR Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI1-LM358BIDR Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI1-LM358BIDR Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI1-LM358BIDR Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI-LM358BIDR Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
More results


Similar Description - LM358BIDR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158 TI1-LM158_18 Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_19 Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_V02 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358 TI-LM358_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V03 Datasheet
4Mb / 61P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V04 Datasheet
4Mb / 64P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V05 Datasheet
3Mb / 66P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V06 Datasheet
3Mb / 62P
Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
LM158 TI1-LM158_V07 Datasheet
3Mb / 62P
Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com