Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA4181A2IPWR Datasheet (PDF) - Texas Instruments

INA4181A2IPWR Datasheet PDF - Texas Instruments
Part # INA4181A2IPWR
Download  INA4181A2IPWR Download
File Size   2574.16 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers

INA4181A2IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
INA4181A2IPWR Datasheet PDF - Texas Instruments

Part # INA4181A2IPWR
Download  INA4181A2IPWR Click to download

File Size   2574.16 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers

INA4181A2IPWR Datasheet (HTML) - Texas Instruments


INA4181A2IPWR Product details

1 Features
• Common-mode range (VCM): –0.2 V to +26 V
• High bandwidth: 350 kHz (A1 devices)
• Offset voltage:
– ±150 μV (maximum) at VCM = 0 V
– ±500 μV (maximum) at VCM = 12 V
• Output slew rate: 2 V/μs
• Bidirectional current-sensing capability
• Accuracy:
– ±1% gain error (maximum)
– 1-μV/°C offset drift (maximum)
• Gain options:
– 20 V/V (A1 devices)
– 50 V/V (A2 devices)
– 100 V/V (A3 devices)
– 200 V/V (A4 devices)
• Quiescent current: 260 μA maximum (INA181)

2 Applications
• Motor control
• Battery monitors and balancers
• Power management
• Lighting control
• Solar inverters

3 Description
The INA181, INA2181, and INA4181 (INAx181)
current sense amplifiers are designed for costoptimized
applications. These devices are part of a
family of bidirectional, current-sense amplifiers (also
called current-shunt monitors) that sense voltage
drops across current-sense resistors at commonmode
voltages from –0.2 V to +26 V, independent
of the supply voltage. The INAx181 family integrates
a matched resistor gain network in four, fixed-gain
device options: 20 V/V, 50 V/V, 100 V/V, or 200 V/V.
This matched gain resistor network minimizes gain
error and reduces the temperature drift.
These devices operate from a single 2.7-V to 5.5-
V power supply. The single-channel INA181 draws
a maximum supply current of 260 μA; whereas,
the dual-channel INA2181 draws a maximum supply
current of 500 μA, and the quad-channel INA4181
draws a maximum supply current of 900 μA.
The INA181 is available in both the 6-pin, SOT-23
and SC70 packages. The INA2181 is available in
10-pin, VSSOP and WSON packages. The INA4181
is available in a 20-pin, TSSOP package. All device
options are specified over the extended operating
temperature range of –40°C to +125°C.




Similar Part No. - INA4181A2IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA4181A2IPWR TI1-INA4181A2IPWR Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA4181A2IPWR TI1-INA4181A2IPWR Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA4181A2IPWR TI1-INA4181A2IPWR Datasheet
2Mb / 56P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA4181A2IPWR TI1-INA4181A2IPWR Datasheet
2Mb / 62P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
NOVEMBER 2023
More results


Similar Description - INA4181A2IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com