Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA4180A3IPWR Datasheet (PDF) - Texas Instruments

INA4180A3IPWR Datasheet PDF - Texas Instruments
Part # INA4180A3IPWR
Download  INA4180A3IPWR Download
File Size   3025.64 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers

INA4180A3IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
INA4180A3IPWR Datasheet PDF - Texas Instruments

Part # INA4180A3IPWR
Download  INA4180A3IPWR Click to download

File Size   3025.64 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers

INA4180A3IPWR Datasheet (HTML) - Texas Instruments


INA4180A3IPWR Product details

1 Features
• Common-mode range (VCM): –0.2 V to +26 V
• High bandwidth: 350 kHz (A1 devices)
• Offset voltage:
– ±150 μV (maximum) at VCM = 0 V
– ±500 μV (maximum) at VCM = 12 V
• Output slew rate: 2 V/μs
• Accuracy:
– ±1% gain error (maximum)
– 1-μV/°C offset drift (maximum)
• Gain options:
– 20 V/V (A1 devices)
– 50 V/V (A2 devices)
– 100 V/V (A3 devices)
– 200 V/V (A4 devices)
• Quiescent current: 260 μA maximum (INA180)

2 Applications
• Motor control
• Battery monitoring
• Power management
• Lighting control
• Overcurrent detection
• Solar inverters

3 Description
The INA180, INA2180, and INA4180 (INAx180)
current sense amplifiers are designed for costoptimized
applications. These devices are part of a
family of current-sense amplifiers (also called currentshunt
monitors) that sense voltage drops across
current-sense resistors at common-mode voltages
from –0.2 V to +26 V, independent of the supply
voltage. The INAx180 integrate a matched resistor
gain network in four, fixed-gain device options: 20
V/V, 50 V/V, 100 V/V, or 200 V/V. This matched gain
resistor network minimizes gain error and reduces the
temperature drift.
All these devices operate from a single 2.7-V to 5.5-
V power supply. The single-channel INA180 draws
a maximum supply current of 260 μA; whereas,
the dual-channel INA2180 draws a maximum supply
current of 500 μA, and the quad channel draws a
maximum supply current of 900 μA.
The INA180 is available in a 5-pin, SOT-23 package
with two different pin configurations. The INA2180 is
available in 8-pin, VSSOP and WSON packages. The
INA4180 is available in a 14-pin, TSSOP package.
All device options are specified over the extended
operating temperature range of –40°C to +125°C.




Similar Part No. - INA4180A3IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA4180A3IPWR TI1-INA4180A3IPWR Datasheet
1Mb / 32P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA4180A3IPWR TI1-INA4180A3IPWR Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA4180A3IPWR TI1-INA4180A3IPWR Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA4180A3IPWR TI1-INA4180A3IPWR Datasheet
2Mb / 51P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Similar Description - INA4180A3IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1_18 Datasheet
1Mb / 38P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1_19 Datasheet
1Mb / 39P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1_1903 TI1-INA180-Q1_1903 Datasheet
1Mb / 41P
Automotive, low- and high-side voltage output, current-sense amplifiers
INA180 TI1-INA180_V01 Datasheet
2Mb / 51P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com