Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7800 Datasheet (PDF) - Texas Instruments

LM7800 Datasheet PDF - Texas Instruments
Part # LM7800
Download  LM7800 Download
File Size   2489.14 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators

LM7800 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7800 Datasheet PDF - Texas Instruments

Part # LM7800
Download  LM7800 Click to download

File Size   2489.14 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators

LM7800 Datasheet (HTML) - Texas Instruments


LM7800 Product details

1 Features
1• Output Current up to 1.5 A
• Available in Fixed 5-V, 12-V, and 15-V Options
• Output Voltage Tolerances of ±2% at TJ = 25°C
(LM340A)
• Line Regulation of 0.01% / V of at 1-A Load
(LM340A)
• Load Regulation of 0.3% / A (LM340A)
• Internal Thermal Overload, Short-Circuit and SOA
Protection
• Available in Space-Saving SOT-223 Package
• Output Capacitance Not Required for Stability

2 Applications
• Industrial Power Supplies
• SMPS Post Regulation
• HVAC Systems
• AC Inventors
• Test and Measurement Equipment
• Brushed and Brushless DC Motor Drivers
• Solar Energy String Invertors

3 Description
The LM340 and LM7805 Family monolithic 3-terminal
positive voltage regulators employ internal currentlimiting,
thermal shutdown and safe-area
compensation, making them essentially indestructible.
If adequate heat sinking is provided, they can deliver
over 1.5-A output current. They are intended as fixed
voltage regulators in a wide range of applications
including local (on-card) regulation for elimination of
noise and distribution problems associated with
single-point regulation. In addition to use as fixed
voltage regulators, these devices can be used with
external components to obtain adjustable output
voltages and currents.
Considerable effort was expended to make the entire
series of regulators easy to use and minimize the
number of external components. It is not necessary to
bypass the output, although this does improve
transient response. Input bypassing is needed only if
the regulator is located far from the filter capacitor of
the power supply.
LM7805 is also available in a higher accuracy and
better performance version (LM340A). Refer to
LM340A specifications in the LM340A Electrical
Characterisitcs table.




Similar Part No. - LM7800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM7800 FCI-LM7800 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
National Semiconductor ...
LM7800 NSC-LM7800 Datasheet
303Kb / 10P
3-Terminal Positive Voltage Regulators
logo
Seme LAB
LM7800-220M SEME-LAB-LM7800-220M Datasheet
21Kb / 2P
POSITIVE VOLTAGE REGULATOR TO 220 M
LM7800-SMD SEME-LAB-LM7800-SMD Datasheet
21Kb / 2P
POSITIVE VOLTAGE REGULATOR TO 220 M
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
More results


Similar Description - LM7800

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
1.5 A / 3 A Low Dropout Voltage Regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
1.5-A Fixed Voltage Regulators
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
Wide VIN 1.5-A Fixed Voltage Regulator
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com