Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27761 Datasheet (PDF) - Texas Instruments

LM27761 Datasheet PDF - Texas Instruments
Part # LM27761
Download  LM27761 Download
File Size   1974.71 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27761 Low-Noise, Regulated, Switched-Capacitor Voltage Inverter

LM27761 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27761 Datasheet PDF - Texas Instruments

Part # LM27761
Download  LM27761 Click to download

File Size   1974.71 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27761 Low-Noise, Regulated, Switched-Capacitor Voltage Inverter

LM27761 Datasheet (HTML) - Texas Instruments


LM27761 Product details

1 Features
• Inverts and regulates the input supply voltage
• Low output ripple
• Shutdown lowers quiescent current to 7μA (typical)
• Up to 250mA output current
• 2.5Ω inverter output impedance, VIN = 5V
• ±4% regulation at peak load
• 370μA quiescent current
• 2MHz (typical) low-noise fixed-frequency operation
• 35dB (typical) LDO PSRR at 2MHz
with 80mA load current
• 30mV LDO dropout voltage at 100mA,
VOUT = –5V
• Current limit and thermal protection

2 Applications
• Operational amplifier power
• Wireless communication systems
• Cellular-phone power-amplifier biasing
• Interface power supplies
• Handheld instrumentation
• Hi-Fi headphone amplifiers
• Powering data converters

3 Description
The LM27761 low-noise regulated switched-capacitor
voltage inverter delivers a very low-noise adjustable
output for an input voltage in the range of 2.7V
to 5.5V. Four low-cost capacitors are used in the
application design to provide up to 250mA of output
current. The regulated output for the device is
adjustable between −1.5V and −5V. The LM27761
operates at 2MHz (typical) switching frequency to
reduce output resistance and voltage ripple. With an
operating current of only 370μA (charge-pump power
efficiency greater than 80% with most loads) and
7μA typical shutdown current, the LM27761 provides
excellent performance when driving power amplifiers,
DAC bias rails, and other high-current, low-noise
voltage applications.




Similar Part No. - LM27761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI1-LM27761 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761DSGR TI1-LM27761DSGR Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761DSGT TI1-LM27761DSGT Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Similar Description - LM27761

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
Low Noise Regulated Switched Capacitor Voltage Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com