Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5149-Q1 Datasheet (PDF) - Texas Instruments

LM5149-Q1 Datasheet PDF - Texas Instruments
Part # LM5149-Q1
Download  LM5149-Q1 Download
File Size   3591.86 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25137-Q1 Automotive, 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck Controller

LM5149-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5149-Q1 Datasheet PDF - Texas Instruments

Part # LM5149-Q1
Download  LM5149-Q1 Click to download

File Size   3591.86 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25137-Q1 Automotive, 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck Controller

LM5149-Q1 Datasheet (HTML) - Texas Instruments


LM5149-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Functional Safety-Compliant options – ASIL B and
ASIL D – available through request
• Dual-channel synchronous buck DC/DC controller
– Wide input voltage range of 4V to 42V
– 1% accurate, fixed 3.3V, 5V, 12V, or adjustable
outputs from 0.8V to 36V
– 150°C maximum junction temperature
– Charge-pump gate drivers for 100% duty cycle
• Two interleaved synchronous buck channels
– Dual channel or single-output multiphase
– Stackable up to four phases
– SYNC in and SYNC out capability
• Inherent protection features for robust design
– Internal hiccup-mode overcurrent protection
– Independent ENABLE and PGOOD functions
– Adjustable output voltage soft start
– VCC and gate-drive UVLO protection
– Thermal shutdown protection with hysteresis
• Designed for ultra-low EMI requirements
– Dual Random Spread Spectrum (DRSS)
– Switching frequency from 100kHz to 2.5MHz
• VQFN-36 package with wettable flanks
• Create a custom design using the LM25137-Q1
with WEBENCH® Power Designer

2 Applications
• Automotive electronic systems
• Infotainment systems, instrument clusters
• Advanced driver assistance systems (ADAS)
• Body electronics and lighting

3 Description
The LM25137-Q1 is a 42V synchronous buck DC/DC
controller offered from a family with three options for
functional safety: Capable, ASIL B, and ASIL D. The
device uses an interleaved, stackable, peak currentmode
architecture for easy loop compensation, fast
transient response, excellent load and line regulation,
and accurate current sharing with paralleled phases
for high output current.
A high-side switch minimum on-time of 22ns facilitates
large step-down ratios, enabling the direct conversion
from 12V and 24V automotive inputs to low-voltage
rails for reduced system design cost and complexity.
The LM25137-Q1 continues to operate during input
voltage dips as low as 4V, at 100% duty cycle if
needed. The 9μA no-load quiescent current with the
output voltage in regulation extends operating runtime
in battery-powered automotive systems.




Similar Part No. - LM5149-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5149-Q1 TI-LM5149-Q1 Datasheet
2Mb / 49P
LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM5149-Q1 TI-LM5149-Q1 Datasheet
5Mb / 70P
LM5149-Q1 80-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED OCTOBER 2022
LM5149-Q1 TI-LM5149-Q1 Datasheet
5Mb / 70P
LM5149-Q1 80-V Automotive, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED DECEMBER 2022
LM5149-Q1 TI1-LM5149-Q1 Datasheet
5Mb / 67P
LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5149-Q1 TI1-LM5149-Q1 Datasheet
5Mb / 72P
LM5149 80-V, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED JANUARY 2023
More results


Similar Description - LM5149-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
Wide 4V to 42V Input
Rev 1; 3/15
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM5143A-Q1 TI-LM5143A-Q1 Datasheet
3Mb / 69P
LM5143A-Q1 Automotive 3.5-V to 65-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com