Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27762 Datasheet (PDF) - Texas Instruments

LM27762 Datasheet PDF - Texas Instruments
Part # LM27762
Download  LM27762 Download
File Size   816.71 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27762 Low-Noise Positive and Negative Output Integrated Charge Pump Plus LDO

LM27762 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27762 Datasheet PDF - Texas Instruments

Part # LM27762
Download  LM27762 Click to download

File Size   816.71 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27762 Low-Noise Positive and Negative Output Integrated Charge Pump Plus LDO

LM27762 Datasheet (HTML) - Texas Instruments


LM27762 Product details

1 Features
1• Generates Low-Noise Adjustable Positive Supply
Voltage Between 1.5 V and 5 V and Negative
Supply Voltage Between –1.5 V and –5 V
• Input Voltage Range 2.7 V to 5.5 V
• ±250-mA Output Current
• Inverting Charge Pump Followed by Negative
LDO
• 2-MHz Low-Noise Fixed-Frequency Operation
• 2.5-Ω Inverter Output Impedance, VIN = 5 V
• Negative LDO Dropout Voltage 30 mV at 100 mA,
VOUT = –5 V
• Positive LDO with 45-mV Dropout Voltage at 100
mA, VOUT = 5 V
• 390-μA Quiescent Current (Typical)
• Shutdown Quiescent Current to 0.5 μA (Typical)
• Current Limit and Thermal Protection
• Power Good Pin (Active Low)
• Create a Custom Design Using the LM27762 With
the WEBENCH® Power Designer

2 Applications
• Hi-Fi Audio Headphone Amplifiers
• Operational Amplifier Power Biasing
• Powering Data Converters
• Wireless Communication Systems
• Interface Power Supplies
• Handheld Instrumentation

3 Description
The LM27762 delivers very low-noise positive and
negative outputs that are adjustable between ±1.5 V
and ±5 V. Input-voltage range is from 2.7 V to 5.5 V,
and output current goes up to ±250 mA. With an
operating current of only 390 μA and 0.5-μA typical
shutdown current, the LM27762 provides ideal
performance for power amplifier and DAC bias and
other high-current, low-noise negative voltage needs.
The device provides a small solution size with few
external components.
Negative voltage is generated by a regulated
inverting charge pump followed by a low-noise
negative LDO. The inverting charge pump of the
LM27762 device operates at 2-MHz (typical)
switching frequency to reduce output resistance and
voltage ripple. Positive voltage is generated from the
input by a low-noise positive LDO.
Positive and negative outputs of LM27762 have
dedicated enable inputs. These outputs support
independent timing for the positive and negative rails
for specific system power-sequence needs. Enable
inputs can be also shorted together and connected to
the input voltage. The LM27762 has an optional
Power Good feature.




Similar Part No. - LM27762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27762 TI1-LM27762 Datasheet
129Kb / 7P
LM27762 Low-Noise Positive and Negative Output Integrated Switched Capacitor Plus LDO
LM27762DSSR TI1-LM27762DSSR Datasheet
129Kb / 7P
LM27762 Low-Noise Positive and Negative Output Integrated Switched Capacitor Plus LDO
LM27762DSST TI1-LM27762DSST Datasheet
129Kb / 7P
LM27762 Low-Noise Positive and Negative Output Integrated Switched Capacitor Plus LDO
More results


Similar Description - LM27762

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
logo
Texas Instruments
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Texas Instruments
LM27762 TI1-LM27762 Datasheet
129Kb / 7P
LM27762 Low-Noise Positive and Negative Output Integrated Switched Capacitor Plus LDO
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com