Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2578AN/NOPB.B Datasheet (PDF) - Texas Instruments

LM2578AN/NOPB.B Datasheet PDF - Texas Instruments
Part # LM2578AN/NOPB.B
Download  LM2578AN/NOPB.B Download
File Size   1392.51 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2578A/LM3578A Switching Regulator

LM2578AN/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2578AN/NOPB.B Datasheet PDF - Texas Instruments

Part # LM2578AN/NOPB.B
Download  LM2578AN/NOPB.B Click to download

File Size   1392.51 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2578A/LM3578A Switching Regulator

LM2578AN/NOPB.B Datasheet (HTML) - Texas Instruments


LM2578AN/NOPB.B Product details

1FEATURES
2• Inverting and Non-Inverting Feedback Inputs
• 1.0V Reference at Inputs
• Operates from Supply Voltages of 2V to 40V
• Output Current up to 750 mA, Saturation Less
than 0.9V
• Current Limit and Thermal Shut Down
• Duty Cycle up to 90%

APPLICATIONS
• Switching Regulators in Buck, Boost,
Inverting, and Single-Ended Transformer
Configurations
• Motor Speed Control
• Lamp Flasher

DESCRIPTION
The LM2578A is a switching regulator which can
easily be set up for such DC-to-DC voltage
conversion circuits as the buck, boost, and inverting
configurations. The LM2578A features a unique
comparator input stage which not only has separate
pins for both the inverting and non-inverting inputs,
but also provides an internal 1.0V reference to each
input, thereby simplifying circuit design and p.c. board
layout. The output can switch up to 750 mA and has
output pins for its collector and emitter to promote
design flexibility. An external current limit terminal
may be referenced to either the ground or the Vin terminal, depending upon the application. In addition,
the LM2578A has an on board oscillator, which sets
the switching frequency with a single external
capacitor from <1 Hz to 100 kHz (typical).
The LM2578A is an improved version of the LM2578,
offering higher maximum ratings for the total supply
voltage and output transistor emitter and collector
voltages.




Similar Part No. - LM2578AN/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2578AN/NOPB TI1-LM2578AN/NOPB Datasheet
1Mb / 30P
Switching Regulator
More results


Similar Description - LM2578AN/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
SWITCHING REGULATOR
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
Switching Regulator
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
Switching Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
LM2578AM TI-LM2578AM Datasheet
1Mb / 30P
LM2578A/LM3578A Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
Switching Regulator
January, 2001 ??Rev. 9
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
Switching Regulator
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com