Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901EP Datasheet (PDF) - Texas Instruments

LM2901EP Datasheet PDF - Texas Instruments
Part # LM2901EP
Download  LM2901EP Download
File Size   801.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2901EP Low Power Low Offset Voltage Quad Comparators

LM2901EP Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2901EP Datasheet PDF - Texas Instruments

Part # LM2901EP
Download  LM2901EP Click to download

File Size   801.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2901EP Low Power Low Offset Voltage Quad Comparators

LM2901EP Datasheet (HTML) - Texas Instruments


LM2901EP Product details

1FEATURES
2• Wide Supply Voltage Range
• LM2901: 2 to 36 VDCor ±1 to ±18 VDC
• Very Low Supply Current Drain (0.8 mA) —
Independent of Supply Voltage
• Low Input Biasing Current: 25 nA
• Low Input Offset Current: ±5 nA
• Offset Voltage: ±3 mV
• Input Common-Mode Voltage Range Includes
GND
• Differential Input Voltage Range Equal to the
Power Supply Voltage
• Low output saturation voltage: 250 mV at 4 mA
• Output Voltage Compatible with TTL, DTL,
ECL, MOS and CMOS Logic Systems

ADVANTAGES
• High Precision Comparator
• Reduced VOS Drift Over Temperature
• Eliminates Need for Dual Supplies
• Allows Sensing Near GND
• Compatible with all Forms of Logic
• Power Drain Suitable for Battery Operation

APPLICATIONS
• Selected Military Applications
• Selected Avionics Applications

DESCRIPTION
The LM2901EP consists of four independent
precision voltage comparators with an offset voltage
specification as low as 2 mV max for all four
comparators. These were designed specifically to
operate from a single power supply over a wide range
of voltages. Operation from split power supplies is
also possible and the low power supply current drain
is independent of the magnitude of the power supply
voltage. This comparator also has a unique
characteristic in that the input common-mode voltage
range includes ground, even though operated from a
single power supply voltage.
Application areas include limit comparators, simple
analog to digital converters; pulse, squarewave and
time delay generators; wide range VCO; MOS clock
timers; multivibrators and high voltage digital logic
gates. The LM2901EP was designed to directly
interface with TTL and CMOS. When operated from
both plus and minus power supplies, it will directly
interface with MOS logic— where the low power drain of the LM2901EP is a distinct advantage over
standard comparators.




Similar Part No. - LM2901EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
More results


Similar Description - LM2901EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com