Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2599S-5.0/NOPB.B Datasheet (PDF) - Texas Instruments

LM2599S-5.0/NOPB.B Datasheet PDF - Texas Instruments
Part # LM2599S-5.0/NOPB.B
Download  LM2599S-5.0/NOPB.B Download
File Size   2258.37 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2599 SIMPLE SWITCHER® Power Converter 150-kHz 3-A Step-Down Voltage Regulator, With Features

LM2599S-5.0/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2599S-5.0/NOPB.B Datasheet PDF - Texas Instruments

Part # LM2599S-5.0/NOPB.B
Download  LM2599S-5.0/NOPB.B Click to download

File Size   2258.37 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2599 SIMPLE SWITCHER® Power Converter 150-kHz 3-A Step-Down Voltage Regulator, With Features

LM2599S-5.0/NOPB.B Datasheet (HTML) - Texas Instruments


LM2599S-5.0/NOPB.B Product details

1 Features
1• 3.3-V, 5-V, 12-V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range: 1.2 V
to 37 V ±4% Maximum Over Line and Load
Conditions
• 3-A Output Current
• Available in 7-Pin TO-220 and TO-263 (Surface-
Mount) Package
• Input Voltage Range Up to 40 V
• 150-kHz Fixed-Frequency Internal Oscillator
• Shutdown and Soft-Start
• Out-of-Regulation Error Flag
• Error Output Delay
• Low Power Standby Mode, IQ, Typically 80 μA
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current-Limit Protection

2 Applications
• Simple High-Efficiency Step-Down (Buck)
Regulator
• Efficient Preregulator for Linear Regulators
• On-Card Switching Regulators
• Positive to Negative Converter

3 Description
The LM2599 series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of
driving a 3-A load with excellent line and load
regulation. These devices are available in fixed output
voltages of 3.3 V, 5 V, 12 V, and an adjustable output
version.
The LM2598 is a member of the LM259x family, with
additional supervisory and performance features
added.
Requiring a minimum number of external
components, these regulators are simple to use and
include internal frequency compensation, improved
line and load specifications, fixed-frequency oscillator,
Shutdown and Soft-start, error flag delay, and error
flag output.




Similar Part No. - LM2599S-5.0/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2599S-5.0/NOPB TI1-LM2599S-5.0/NOPB Datasheet
2Mb / 44P
LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Similar Description - LM2599S-5.0/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com