Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46001 Datasheet (PDF) - Texas Instruments

LM46001 Datasheet PDF - Texas Instruments
Part # LM46001
Download  LM46001 Download
File Size   1729.43 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM46001 3.5-V to 60-V, 1-A Synchronous Step-Down Voltage Converter

LM46001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM46001 Datasheet PDF - Texas Instruments

Part # LM46001
Download  LM46001 Click to download

File Size   1729.43 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM46001 3.5-V to 60-V, 1-A Synchronous Step-Down Voltage Converter

LM46001 Datasheet (HTML) - Texas Instruments


LM46001 Product details

1 Features
1• 24-μA Quiescent Current in Regulation
• High Efficiency at Light Load (DCM and PFM)
• Meets EN55022/CISPR 22 EMI standards
• Integrated Synchronous Rectification
• Adjustable Switching Frequency: 200 kHz to
2.2 MHz (500 kHz default)
• Frequency Synchronization to External Clock
• Internal Compensation
• Stable With Many Combinations of Ceramic,
Polymer, Tantalum, and Aluminum Capacitors
• Power-Good Flag
• Soft Start into Pre-Biased Load
• Internal Soft Start: 4.1 ms
• Extendable Soft-Start Time by External Capacitor
• Output Voltage Tracking Capability
• Precision Enable to Program System UVLO
• Output Short-Circuit Protection With Hiccup Mode
• Overtemperature Thermal Shutdown Protection
• Create a Custom Design Using the LM46001 With
the WEBENCH® Power Designer

2 Applications
• Industrial Power Supplies
• Telecommunications Systems
• Sub-AM Band 12-V and 24-V Automotive
• Commercial Vehicle Power Supplies
• General Purpose Wide VIN Regulation
• High Efficiency Point-Of-Load Regulation

3 Description
The LM46001 regulator is an easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 1 A of load current from an input voltage
ranging from 3.5 V to 60 V. The LM46001 provides
exceptional efficiency, output accuracy, and dropout
voltage in a very small solution size. An extended
family is available in 0.5-A and 2-A load current
options in pin-to-pin compatible packages. Peakcurrent-
mode control is employed to achieve simple
control loop compensation and cycle-by-cycle current
limiting. Optional features such as programmable
switching frequency, synchronization, power-good
flag, precision enable, internal soft start, extendable
soft start, and tracking provide a flexible and easy-touse
platform for a wide range of applications.
Discontinuous conduction and automatic frequency
reduction at light loads improve light-load efficiency.
The family requires few external components and pin
arrangement allows simple, optimum PCB layout.
Protection features include thermal shutdown, VCC
undervoltage lockout, cycle-by-cycle current limit, and
output short-circuit protection. The LM46001 device is
available in the 16-lead HTSSOP package (PWP,
6.6 mm × 5.1 mm × 1.2 mm) with 0.65-mm lead pitch.
The device is pin-to-pin compatible with LM46000,
LM46002, LM43603, LM43602, LM43601, and
LM43600.




Similar Part No. - LM46001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
More results


Similar Description - LM46001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com