Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46000PWP.B Datasheet (PDF) - Texas Instruments

LM46000PWP.B Datasheet PDF - Texas Instruments
Part # LM46000PWP.B
Download  LM46000PWP.B Download
File Size   1713.86 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter

LM46000PWP.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM46000PWP.B Datasheet PDF - Texas Instruments

Part # LM46000PWP.B
Download  LM46000PWP.B Click to download

File Size   1713.86 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter

LM46000PWP.B Datasheet (HTML) - Texas Instruments


LM46000PWP.B Product details

1 Features
• 24-μA Quiescent Current in Regulation
• High Efficiency at Light Load (DCM and PFM)
• Meets EN55022/CISPR 22 EMI standards
• Integrated Synchronous Rectification
• Adjustable Frequency Range: 200 kHz to 2.2 MHz
(500 kHz default)
• Frequency Synchronization to External Clock
• Internal Compensation
• Stable With Almost Any Combination of Ceramic,
Polymer, Tantalum, and Aluminum Capacitors
• Power-Good Flag
• Soft-Start into Prebiased Load
• Internal Soft Start: 4.1 ms
• Extendable Soft-Start Time by External Capacitor
• Output Voltage Tracking Capability
• Precision Enable to Program System UVLO
• Output Short-Circuit Protection With Hiccup Mode
• Overtemperature Thermal Shutdown Protection
• Create a Custom Design Using the LM46000 With
the WEBENCH® Power Designer

2 Applications
• Industrial Power Supplies
• Telecommunications Systems
• Sub-AM Band 12-V and 24-V Automotive
• Commercial Vehicle Power Supplies
• General Purpose Wide VIN Regulation
• High Efficiency Point-Of-Load Regulation

3 Description
The LM46000 regulator is an easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 500 mA of load current from an input
voltage range of 3.5 V to 60 V. The LM46000
provides exceptional efficiency, output accuracy and
dropout voltage in a very small solution size. An
extended family is available in 1 A and 2 A load
current options in pin-to-pin compatible packages.
Peak current mode control is employed to achieve
simple control loop compensation and cycle-by-cycle
current limiting. Optional features such as
programmable switching frequency, synchronization,
power-good flag, precision enable, internal soft start,
extendable soft start, and tracking provide a flexible
and easy-to-use platform for a wide range of
applications. Discontinuous conduction and automatic
frequency modulation at light loads improve light load
efficiency. The family requires few external
components and pin arrangement allows simple,
optimum PCB layout. Protection features include
thermal shutdown, VCC undervoltage lockout, cycleby-
cycle current limit, and output short-circuit
protection. The LM46000 device is available in the
16-pin leaded HTSSOP (PWP) package (6.6 mm ×
5.1 mm × 1.2 mm) with 0.65-mm lead pitch. Pin-topin
compatible with LM46001, LM46002, LM43603,
LM43602, LM43601, and LM43600.




Similar Part No. - LM46000PWP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46000PWP TI1-LM46000PWP Datasheet
2Mb / 56P
LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
logo
TEXAS ADVANCED OPTOELEC...
LM46000PWPEVM TAOS-LM46000PWPEVM Datasheet
802Kb / 14P
LM46000EVM evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
LM46000PWPR TI1-LM46000PWPR Datasheet
2Mb / 56P
LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000PWPT TI1-LM46000PWPT Datasheet
2Mb / 56P
LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Similar Description - LM46000PWP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI-LM46000_15 Datasheet
1Mb / 53P
LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com