Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176 Datasheet (PDF) - Texas Instruments

LM5176 Datasheet PDF - Texas Instruments
Part # LM5176
Download  LM5176 Download
File Size   2166.99 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller

LM5176 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5176 Datasheet PDF - Texas Instruments

Part # LM5176
Download  LM5176 Click to download

File Size   2166.99 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5176 55-V Wide VIN Synchronous 4-switch Buck-boost Controller

LM5176 Datasheet (HTML) - Texas Instruments


LM5176 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Single inductor buck-boost controller for step-up/
step-down DC/DC conversion
• Wide VIN: 4.2 V (2.5 V with bias) to 55 V (60 V
maximum)
• Flexible VOUT: 0.8 V to 55 V
• VOUT short protection
• High efficiency buck-boost transition
• Adjustable switching frequency
• Optional frequency sync and dithering
• Integrated 2-A MOSFET gate drivers
• Cycle-by-cycle current limit and optional hiccup
• Optional input or output average current limiting
• Programmable input UVLO and soft start
• Power Good and output overvoltage protection
• Available in HTSSOP-28 and QFN-28 packages
• Create a custom design using the LM5176 with the
WEBENCH Power Designer

2 Applications
• Industrial PC power supplies
• USB power delivery
• Battery-powered systems
• LED lighting

3 Description
The LM5176 is a synchronous four-switch buck-boost
DC/DC controller capable of regulating the output
voltage at, above, or below the input voltage. The
LM5176 operates over a wide input voltage range of
4.2 V to 55 V (60-V absolute maximum) to support a
variety of applications.
The LM5176 uses current-mode control both in
buck and boost modes of operation for superior
load and line regulation. The switching frequency
is programmed by an external resistor and can be
synchronized to an external clock signal.
The device also features a programmable soft-start
function and offers protection features including cycleby-
cycle current limiting, input undervoltage lockout
(UVLO), output overvoltage protection (OVP), and
thermal shutdown. In addition, the LM5176 features
optional average input or output current limiting,
optional spread spectrum to reduce peak EMI, and
optional hiccup mode protection in sustained overload
conditions.




Similar Part No. - LM5176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
More results


Similar Description - LM5176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177 Datasheet
2Mb / 52P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com