Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5164-Q1 Datasheet (PDF) - Texas Instruments

LM5164-Q1 Datasheet PDF - Texas Instruments
Part # LM5164-Q1
Download  LM5164-Q1 Download
File Size   2138.83 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5164 100V Input, 1A Synchronous Buck DC/DC Converter With Ultra-low IQ

LM5164-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5164-Q1 Datasheet PDF - Texas Instruments

Part # LM5164-Q1
Download  LM5164-Q1 Click to download

File Size   2138.83 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5164 100V Input, 1A Synchronous Buck DC/DC Converter With Ultra-low IQ

LM5164-Q1 Datasheet (HTML) - Texas Instruments


LM5164-Q1 Product details

1 Features
• Designed for reliable and rugged applications
– Wide input voltage range of 6V to 100V
– Junction temperature range: –40°C to +150°C
– Fixed 3ms internal soft-start timer
– Peak and valley current-limit protection
– Input UVLO and thermal shutdown protection
• Optimized for ultra-low EMI requirements
– Meets CISPR 25 class 5 standard
• Suited for scalable Industrial power supplies and
battery packs
– Low minimum on- and off-times of 50ns
– Adjustable switching frequency up to 1MHz
– Diode emulation for high light-load efficiency
– 10.5μA no-load input quiescent current
– 3μA shutdown quiescent current
• Integration reduces design size and cost
– COT mode control architecture
– Integrated 0.725Ω NFET buck switch
– Integrated 0.34Ω NFET synchronous rectifier
eliminates external Schottky diode
– 1.2V internal voltage reference
– No loop compensation components
– Internal VCC bias regulator and boot diode
– Open-drain power good indicator
– 8-pin SOIC package with PowerPAD™
• Create a custom regulator design using
WEBENCH® power designer

2 Applications
• Industrial battery pack (≥10S)
• Battery pack – e-bike/e-scooter/LEV
• Motor drives, drones, communications equipment

3 Description
The LM5164 synchronous buck converter is designed
to regulate over a wide input voltage range,
minimizing the need for external surge suppression
components. A minimum controllable on-time of 50ns
facilitates large step-down conversion ratios, enabling
the direct step-down from a 48V nominal input to
low-voltage rails for reduced system complexity and
solution cost. The LM5164 operates during input
voltage dips as low as 6V, at nearly 100% duty cycle
if needed, making the device an excellent choice for
wide input supply range industrial and high cell count
battery pack applications.
With integrated high-side and low-side power
MOSFETs, the LM5164 delivers up to 1A of output
current. A constant on-time (COT) control architecture
provides nearly constant switching frequency with
excellent load and line transient response. Additional
features of the LM5164 include ultra-low IQ and
diode emulation mode operation for high light-load
efficiency, innovative peak and valley overcurrent
protection, integrated VCC bias supply and bootstrap
diode, precision enable and input UVLO, and thermal
shutdown protection with automatic recovery. An
open-drain PGOOD indicator provides sequencing,
fault reporting, and output voltage monitoring.The
LM5164 is available in a thermally-enhanced, 8-
pin SO PowerPAD™ package. The 1.27mm pin
pitch provides adequate spacing for high-voltage
applications.
The LM5164 is available in a thermally-enhanced, 8-
pin SO PowerPAD™ package. The device 1.27mm
pin pitch provides adequate spacing for high-voltage
applications.




Similar Part No. - LM5164-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5164-Q1 TI1-LM5164-Q1 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI1-LM5164-Q1 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI1-LM5164-Q1 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI-LM5164-Q1 Datasheet
2Mb / 38P
LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5164-Q1 TI-LM5164-Q1 Datasheet
2Mb / 38P
LM5012-Q1 Automotive 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
More results


Similar Description - LM5164-Q1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
850kHz 1A Synchronous Buck DC/DC Converter
logo
Texas Instruments
LM5164 TI1-LM5164 Datasheet
1Mb / 28P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI1-LM5164-Q1 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164 TI1-LM5164_18 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5164-Q1 TI1-LM5164-Q1_18 Datasheet
1Mb / 29P
100-V Input, 1-A Synchronous Buck DC/DC Converter With Ultra-Low IQ
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
LM5163 TI1-LM5163 Datasheet
1Mb / 30P
LM5163 100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
LM5012 TI-LM5012 Datasheet
2Mb / 38P
LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5013 TI-LM5013 Datasheet
2Mb / 35P
LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
OCTOBER 2022
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com