Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6132 Datasheet (PDF) - Texas Instruments

LM6132 Datasheet PDF - Texas Instruments
Part # LM6132
Download  LM6132 Download
File Size   1362.12 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers

LM6132 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6132 Datasheet PDF - Texas Instruments

Part # LM6132
Download  LM6132 Click to download

File Size   1362.12 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers

LM6132 Datasheet (HTML) - Texas Instruments


LM6132 Product details

1 Features
1• (For 5V Supply, Typ Unless Noted)
• Rail-to-Rail Input CMVR −0.25 V to 5.25 V
• Rail-to-Rail Output Swing 0.01V to 4.99V
• High Gain-Bandwidth, 10 MHz at 20 kHz
• Slew Rate 12 V/μs
• Low Supply Current 360 μA/Amp
• Wide Supply Range 2.7 V to over 24 V
• CMRR 100 dB
• Gain 100 dB with RL = 10 k
• PSRR 82 dB

2 Applications
• Battery Operated Instrumentation
• Instrumentation Amplifiers
• Portable Scanners
• Wireless Communications
• Flat Panel Display Driver

3 Description
The LM6132/34 provides new levels of speed vs.
power performance in applications where low voltage supplies or power limitations previously made
compromise necessary. With only 360 μA/amp supply
current, the 10 MHz gain-bandwidth of this device
supports new portable applications where higher power devices unacceptably drain battery life.
The LM6132/34 can be driven by voltages that exceed both power supply rails, thus eliminating
concerns over exceeding the common-mode voltage
range. The rail-to-rail output swing capability provides
the maximum possible dynamic range at the output.
This is particularly important when operating on low
supply voltages. The LM6132/34 can also drive large capacitive loads without oscillating.
Operating on supplies from 2.7 V to over 24 V, the
LM6132/34 is excellent for a very wide range of
applications, from battery operated systems with
large bandwidth requirements to high speed
instrumentation.




Similar Part No. - LM6132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132AIM NSC-LM6132AIM Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6132AIM NSC-LM6132AIM Datasheet
1Mb / 24P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132AIM TI1-LM6132AIM Datasheet
1Mb / 27P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
More results


Similar Description - LM6132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM6134 NSC-LM6134_14 Datasheet
1Mb / 24P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com