Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM76003RNPRG4 Datasheet (PDF) - Texas Instruments

LM76003RNPRG4 Datasheet PDF - Texas Instruments
Part # LM76003RNPRG4
Download  LM76003RNPRG4 Download
File Size   2849.04 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator

LM76003RNPRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM76003RNPRG4 Datasheet PDF - Texas Instruments

Part # LM76003RNPRG4
Download  LM76003RNPRG4 Click to download

File Size   2849.04 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator

LM76003RNPRG4 Datasheet (HTML) - Texas Instruments


LM76003RNPRG4 Product details

1 Features
1• Integrated synchronous rectification
• Input voltage 3.5 V to 60 V (65 V maximum)
• Output current:
– LM76002: 2.5 A
– LM76003: 3.5 A
• Output voltage 1 V to 95% VIN
• 15-μA Quiescent current in regulation
• Wide voltage conversion range
– tON-MIN = 65 ns (typical)
– tOFF-MIN = 95 ns (typical)
• System-level features
– Synchronization to external clock
– Power-good flag
– Precision enable
– Adjustable soft-start (6.3 ms default)
– Voltage tracking capability
• Pin-selectable FPWM operation
• Adjustable frequency range: 300 kHz to 2.2 MHz
• High-efficiency at light-load architecture (PFM)
• Protection features
– Cycle-by-cycle current limit
– Short-circuit protection with hiccup mode
– Overtemperature thermal shutdown protection
• Create a custom design using the
LM76002/LM76003 with the WEBENCH® Power
Designer

2 Applications
• Telecommunications infrastructure
• Asset and fleet management systems
• Video surveillance
• Programmable logic controllers

3 Description
The LM76002/LM76003 regulator is an easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 2.5 A (LM76002) or 3.5 A (LM76003) of
load current from an input up to 60 V. The
LM76002/LM76003 provides exceptional efficiency
and output accuracy in a very small solution size.
Peak current-mode control is employed. Additional
features such as adjustable switching frequency,
synchronization, FPWM option, power-good flag,
precision enable, adjustable soft start, and tracking
provide both flexible and easy-to-use solutions for a
wide range of applications. Automatic frequency
foldback at light load and optional external bias
improve efficiency. This device requires few external
components and has a pinout designed for simple
PCB layout with best-in-class EMI (CISPR22) and
thermal performance. Protection features include
input undervoltage lockout, thermal shutdown, cycleby-
cycle current limit, and short-circuit protection. The
LM76002/LM76003 device is available in the WQFN
30-pin leadless package with wettable flanks.




Similar Part No. - LM76003RNPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76003RNPR TI1-LM76003RNPR Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results


Similar Description - LM76003RNPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com