Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040CIM7-2.5/NOPB Datasheet (PDF) - Texas Instruments

LM4040CIM7-2.5/NOPB Datasheet PDF - Texas Instruments
Part # LM4040CIM7-2.5/NOPB
Download  LM4040CIM7-2.5/NOPB Download
File Size   1887.3 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference

LM4040CIM7-2.5/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4040CIM7-2.5/NOPB Datasheet PDF - Texas Instruments

Part # LM4040CIM7-2.5/NOPB
Download  LM4040CIM7-2.5/NOPB Click to download

File Size   1887.3 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference

LM4040CIM7-2.5/NOPB Datasheet (HTML) - Texas Instruments


LM4040CIM7-2.5/NOPB Product details

1 Features
• LM4040-N-Q1 AEC Q-100 qualified for automotive
applications
– Extended Grade 1: −40°C to +125°C, TA
– Industrial Grade 3: −40°C to +85°C, TA
• Small packages: SOT-23, TO-92, and SC70
• No output capacitor required
• Tolerates capacitive loads
• Fixed reverse breakdown voltages of 2.048V, 2.5V,
3V, 4.096V, 5V, 8.192V, and 10V
• Key specifications (2.5V LM4040-N)
– Output voltage tolerance (A Grade, 25°C):
±0.1% (maximum)
– Low output noise (10Hz to 10kHz): 35μVrms
(typical)
– Wide operating current range: 60μA to 15mA
– Industrial temperature range: −40°C to +85°C
– Extended temperature range: −40°C to +125°C
– Low temperature coefficient: 100ppm/°C
(maximum)

2 Applications
• Field Transmitters
• Energy Infrastructure
• Data Acquisition
• Analog Input Module
• Automotive
• Audio and Video

3 Description
Designed for space-critical applications, the LM4040-
N precision voltage reference is available in small
SC70 and SOT-23 surface-mount package. The
advanced design of the LM4040-N eliminates the
need for an external stabilizing capacitor while
maintaining stability with any capacitive load, thus
making the LM4040-N easy to use. Further reducing
design effort is the availability of several fixed reverse
breakdown voltages: 2.048V, 2.5V, 3V, 4.096V, 5V,
8.192V, and 10V. The minimum operating current
increases from 60μA for the 2.5V LM4040-N to 100μA
for the 10V LM4040-N. All versions have a maximum
operating current of 15mA.
The LM4040-N uses a fuse and Zener-zap reverse
breakdown voltage trim during wafer sort to make
sure that the prime parts have an accuracy of
better than ±0.1% (A grade) at 25°C. Bandgap
reference temperature drift curvature correction and
low dynamic impedance provide stable reverse
breakdown voltage accuracy over a wide range of
operating temperatures and currents.
Also available is the LM4041-N with two reverse
breakdown voltage versions: adjustable and 1.2V.
See the LM4041-N data sheet (SNOS641).




Similar Part No. - LM4040CIM7-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040CIM7-2.5/NOPB TI1-LM4040CIM7-2.5/NOPB Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040CIM7-2.5/NOPB TI1-LM4040CIM7-2.5/NOPB Datasheet
1Mb / 51P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040CIM7-2.5/NOPB TI1-LM4040CIM7-2.5/NOPB Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results


Similar Description - LM4040CIM7-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com