Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV259 Datasheet (PDF) - NXP Semiconductors

74LV259 Datasheet PDF - NXP Semiconductors
Part # 74LV259
Download  74LV259 Download
File Size   115.08 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit addressable latch

74LV259 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV259 Datasheet PDF - NXP Semiconductors

Part # 74LV259
Download  74LV259 Click to download

File Size   115.08 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit addressable latch

74LV259 Datasheet (HTML) - NXP Semiconductors


74LV259 Product details

General description
The 74LV259 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC259 and 74HCT259. The 74LV259 is a high-speed 8-bit addressable latch designed for general purpose storage applications in digital systems.

Features
■ Optimized for low voltage applications: 1.0 V to 3.6 V
■ Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
■ Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
■ Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb = 25 °C
■ Combines demultiplexer and 8-bit latch
■ Serial-to-parallel capability
■ Output from each storage bit available
■ Random (addressable) data entry
■ Easily expandable
■ Common reset input
■ Useful as a 3-to-8 active HIGH decoder
■ ESD protection: ◆ HBM JESD22-A114E exceeds 2000 V ◆ MM JESD22-A115-A exceeds 200 V
■ Multiple package options
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C




Similar Part No. - 74LV259

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV259 PHILIPS-74LV259 Datasheet
126Kb / 14P
8-bit addressable latch
1998 May 20
74LV259D PHILIPS-74LV259D Datasheet
126Kb / 14P
8-bit addressable latch
1998 May 20
74LV259DB PHILIPS-74LV259DB Datasheet
126Kb / 14P
8-bit addressable latch
1998 May 20
74LV259N PHILIPS-74LV259N Datasheet
126Kb / 14P
8-bit addressable latch
1998 May 20
74LV259PW PHILIPS-74LV259PW Datasheet
126Kb / 14P
8-bit addressable latch
1998 May 20
More results


Similar Description - 74LV259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com