Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL Datasheet (PDF) - Monolithic Power Systems

MP9840GL Datasheet PDF - Monolithic Power Systems
Part # MP9840GL
Download  MP9840GL Download
File Size   1990.94 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 3.5A, Low IQ, Synchronous Step-Down Converter

MP9840GL Datasheet (PDF)

Go To PDF Page Download Datasheet
MP9840GL Datasheet PDF - Monolithic Power Systems

Part # MP9840GL
Download  MP9840GL Click to download

File Size   1990.94 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 3.5A, Low IQ, Synchronous Step-Down Converter

MP9840GL Datasheet (HTML) - Monolithic Power Systems


MP9840GL Product details

DESCRIPTION
The MP9840 is a high-frequency, synchronous, rectified, step-down, switch-mode converter with built-in power MOSFETs. It offers a very compact solution that achieves 3.5A of continuous output current with excellent load and line regulation over a wide 3.3V to 36V input supply range. The switching frequency can be programmed or synchronized to an external clock in the range of 350kHz to 2.5MHz. The synchronous operation and ultralow 14μA sleep mode quiescent current provide high efficiency over the output current load range, allowing the MP9840 to be used in a variety of step-down applications in automotive input environments and battery-powered applications.
Peak-current-mode operation provides fast transient response and eases loop stabilization. The excellent low dropout performance allows the MP9840 to be used in high duty cycle applications.
Full protection features include over-current protection (OCP), short-circuit protection (SCP), and thermal shutdown. An open-drain power good (PG) signal indicates when the output is within 10% of its nominal voltage.
The MP9840 is available in a space-saving QFN-16 (3mmx4mm) package.

FEATURES
• 2μA Low Shutdown Supply Current
• 14μA No-Load Quiescent Current
• Internal 125mΩ High-Side and 55mΩ Low-Side MOSFET
• 350kHz to 2.5MHz Programmable Switching Frequency
• Power Good (PG) Output
• External Soft Start (SS)
• 80ns Minimum On Time
• Selectable Forced CCM and AAM
• Hiccup Over-Current Protection (OCP)
• Available in a QFN-16 (3mmx4mm) Package

APPLICATIONS
• Automotive Systems
• Industrial Power Systems




Similar Part No. - MP9840GL

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
logo
Caddock Electronics, In...
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Zhengzhou Winsen Electr...
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
logo
List of Unclassifed Man...
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
More results


Similar Description - MP9840GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MP4410 MPS-MP4410 Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
EV4430-L-00A MPS-EV4430-L-00A Datasheet
2Mb / 13P
36V, 3.5A, Low Quiescent Current Synchronous Step-Down Convertor Evaluation Board
logo
Maxim Integrated Produc...
MAX17633 MAXIM-MAX17633 Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com