Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6583 Datasheet (PDF) - Texas Instruments

LMH6583 Datasheet PDF - Texas Instruments
Part # LMH6583
Download  LMH6583 Download
File Size   585.94 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2

LMH6583 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6583 Datasheet PDF - Texas Instruments

Part # LMH6583
Download  LMH6583 Click to download

File Size   585.94 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2

LMH6583 Datasheet (HTML) - Texas Instruments


LMH6583 Product details

1FEATURES
23• 16 Inputs and 8 Outputs
• 64-pin Exposed Pad HTQFP Package
– −3 dB Bandwidth (VOUT = 2 VPP, RL = 1 kΩ)
550 MHz
– −3 dB Bandwidth (V OUT = 2 VPP,RL = 150Ω)
450 MHz
• Fast Slew Rate 1800 V/μs
• Channel to Channel Crosstalk (10/ 100 MHz)
−70/ −52 dBc
• All Hostile Crosstalk (10/ 100 MHz) −55/−45
dBc
• Easy to Use Serial Programming 4 Wire Bus
• Two Programming Modes Serial & Addressed
Modes
• Symmetrical Pinout Facilitates Expansion.
• Output Current ±60 mA
• Gain of 1 Version also Available LMH6582

APPLICATIONS
• Studio Monitoring/Production Video Systems
• Conference Room Multimedia Video Systems
• KVM (Keyboard Video Mouse) Systems
• Security/Surveillance Systems
• Multi Antenna Diversity Radio
• Video Test Equipment
• Medical Imaging
• Wide-Band Routers & Switches

DESCRIPTION
The LMH™ family of products is joined by the
LMH6583, a high speed, non-blocking, analog,
crosspoint switch. The LMH6583 is designed for high
speed, DC coupled, analog signals like high
resolution video (UXGA and higher). The LMH6583
has 16 inputs and 8 outputs. The non-blocking
architecture allows an output to be connected to any
input, including an input that is already selected. With
fully buffered inputs the LMH6583 can be impedance
matched to nearly any source impedance. The
buffered outputs of the LMH6583 can drive up to two
back terminated video loads (75Ω load). The outputs
and inputs also feature high impedance inactive states allowing high performance input and output
expansion for array sizes such as 16 x 16 or 32 x 8
by combining two devices. The LMH6583 is
controlled with a 4 pin serial interface. Both single
serial mode and addressed chain modes are available.
The LMH6583 comes in a 64-pin thermally enhanced
HTQFP package. It also has diagonally symmetrical
pin assignments to facilitate double sided board
layouts and easy pin connections for expansion.




Similar Part No. - LMH6583

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6583 NSC-LMH6583 Datasheet
538Kb / 8P
16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583 NSC-LMH6583 Datasheet
523Kb / 18P
16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
369Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI2-LMH6583 Datasheet
582Kb / 25P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
REVISED MARCH 2013
More results


Similar Description - LMH6583

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com