Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6586 Datasheet (PDF) - Texas Instruments

LMH6586 Datasheet PDF - Texas Instruments
Part # LMH6586
Download  LMH6586 Download
File Size   983.14 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6586 32x16 Video Crosspoint Switch

LMH6586 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6586 Datasheet PDF - Texas Instruments

Part # LMH6586
Download  LMH6586 Click to download

File Size   983.14 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6586 32x16 Video Crosspoint Switch

LMH6586 Datasheet (HTML) - Texas Instruments


LMH6586 Product details

1FEATURES
2• 32 Inputs and 16 Outputs
• AC-Coupled Inputs with Integrated DC Restore
Clamp
• Individually Addressable Outputs
• Pin-Selectable Output Buffer Gain (1 V/V or 2
V/V)
• –3 dB Bandwidth = 66 MHz
• DG = 0.05%, DP = 0.05° @ RL = 150Ω, AV = 2V/V
• −70 dB Off-Isolation @ 6 MHz
• Individual Input and Output Shutdown Modes
• Device Power Down Mode
• Video Detection with Programmable Threshold
(8 Levels)
• Sync Detection with Pin-Configurable
Threshold
• 100 kHz I2C Interface with 2-Bit Configurable
Slave Address
• Single 5V Supply Operation
• Extra Video Output (VOUT_16) for External
Video Sync Separator

APPLICATIONS
• CCTV Security and Surveillance Systems
• Analog Video Routing

DESCRIPTION
The LMH6586 is a non-blocking analog video crosspoint switch designed for routing standard
NTSC or PAL composite video signals. The non-
blocking architecture allows any of the 32 inputs to be
connected to any of the 16 outputs, including any
input that is already connected. Each input has an
integrated DC restore clamp for biasing of the AC-
coupled video signal. The output buffers have a
common selectable gain setting of 1X or 2X and can
drive loads of 150Ω.
The LMH6586 features two types of input signal
detection for convenient monitoring of activity on any
input channel. Video detection can be configured to
indicate when either “presence of video” or “loss of
video” is detected across the video threshold level
controlled by a programmable register. Additionally,
sync detection can be configured to indicate when
“loss of sync” is detected across the sync threshold
level controlled by a DC voltage input.
The switch configuration and other parameters are
programmable via the I2C bus interface. The slave
device address is configurable via two external pins
allowing up to four LMH6586 devices, each with a
unique address, on a common I2C bus. This helps
facilitate expansion of the crosspoint matrix array size
(e.g. 64 x 16). The LMH6586 operates from a
common single 5V supply for its analog sections as
well as its control logic and I2C interface. The
LMH6586 is offered in a space-saving 80-pin TQFP.




Similar Part No. - LMH6586

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586 Datasheet
740Kb / 29P
32x16 Video Crosspoint Switch
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
LMH6586 32x16 Video Crosspoint Switch
LMH6586 TI2-LMH6586 Datasheet
979Kb / 35P
LMH6586 32x16 Video Crosspoint Switch
REVISED MARCH 2013
logo
National Semiconductor ...
LMH6586VS NSC-LMH6586VS Datasheet
753Kb / 24P
32x16 Video Crosspoint Switch
More results


Similar Description - LMH6586

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
32x16 Video Crosspoint
February 7, 2007
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
32x16 Video Crosspoint
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
32x16 Video Crosspoint Switch
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
logo
Texas Instruments
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
LMH6586 32x16 Video Crosspoint Switch
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
32x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com