Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8645MKX/NOPB.A Datasheet (PDF) - Texas Instruments

LMP8645MKX/NOPB.A Datasheet PDF - Texas Instruments
Part # LMP8645MKX/NOPB.A
Download  LMP8645MKX/NOPB.A Download
File Size   1640.71 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier

LMP8645MKX/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP8645MKX/NOPB.A Datasheet PDF - Texas Instruments

Part # LMP8645MKX/NOPB.A
Download  LMP8645MKX/NOPB.A Click to download

File Size   1640.71 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier

LMP8645MKX/NOPB.A Datasheet (HTML) - Texas Instruments


LMP8645MKX/NOPB.A Product details

1 Features
• Typical Values, TA = 25°C
• High Common-Mode Voltage Range
– LMP8645 –2 V to 42 V
– LMP8645HV –2 V to 76 V
• Supply Voltage Range 2.7 V to 12 V
• Gain Configurable With a Single Resistor
• Maximum Variable Gain Accuracy (With External
Resistor) 2%
• Transconductance 200 μA/V
• Low Offset Voltage 1 mV
• Input Bias 12 μA
• PSRR 90 dB
• CMRR 95 dB
• Temperature Range −40°C to 125°C
• 6-Pin SOT Package

2 Applications
• High-Side Current Sense
• Vehicle Current Measurement
• Motor Controls
• Battery Monitoring
• Remote Sensing
• Power Management

3 Description
The LMP8645 and the LMP8645HV devices are
precision current sense amplifiers that detect small
differential voltages across a sense resistor in the
presence of high-input common-mode voltages.
Operating from a supply range of 2.7 V to 12
V, the LMP8645 accepts input signals with a
common-mode voltage range of –2 V to 42 V,
while the LMP8645HV accepts input signals with
a common-mode voltage range of –2 V to 76 V.
The LMP8645 and LMP8645HV have adjustable
gain for applications where supply current and high
common-mode voltage are the determining factors.
The gain is configured with a single resistor, providing
a high level of flexibility, as well as accuracy as
low as 2% (maximum) including the gain setting
resistor. The output is buffered to provide low output
impedance. This high-side current sense amplifier is
ideal for sensing and monitoring currents in DC or
battery-powered systems, has excellent AC and DC
specifications over temperature, and keeps errors in
the current sense loop to a minimum. The LMP8645
is an ideal choice for industrial, automotive, and
consumer applications, and is available in SOT-6
package.




Similar Part No. - LMP8645MKX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8645MKX/NOPB TI1-LMP8645MKX/NOPB Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
More results


Similar Description - LMP8645MKX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com