Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV431 Datasheet (PDF) - Texas Instruments

LMV431 Datasheet PDF - Texas Instruments
Part # LMV431
Download  LMV431 Download
File Size   1347.46 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV431x Low-Voltage (1.24-V) Adjustable Precision Shunt Regulators

LMV431 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV431 Datasheet PDF - Texas Instruments

Part # LMV431
Download  LMV431 Click to download

File Size   1347.46 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV431x Low-Voltage (1.24-V) Adjustable Precision Shunt Regulators

LMV431 Datasheet (HTML) - Texas Instruments


LMV431 Product details

1 Features
1• Low-Voltage Operation/Wide Adjust Range
(1.24 V/30 V)
• 0.5% Initial Tolerance (LMV431B)
• Temperature Compensated for Industrial
Temperature Range (39 PPM/°C for the
LMV431AI)
• Low Operation Current (55 μA)
• Low Output Impedance (0.25 Ω)
• Fast Turn-On Response
• Low Cost

2 Applications
• Shunt Regulator
• Series Regulator
• Current Source or Sink
• Voltage Monitor
• Error Amplifier
• 3-V Off-Line Switching Regulator
• Low Dropout N-Channel Series Regulator

3 Description
The LMV431, LMV431A and LMV431B are precision
1.24 V shunt regulators capable of adjustment to 30
V. Negative feedback from the cathode to the adjust
pin controls the cathode voltage, much like a non-
inverting op amp configuration (Refer to Symbol and
Functional Diagrams). A two-resistor voltage divider
terminated at the adjust pin controls the gain of a
1.24 V band-gap reference. Shorting the cathode to the adjust pin (voltage follower) provides a cathode
voltage of a 1.24 V.
The LMV431, LMV431A and LMV431B have
respective initial tolerances of 1.5%, 1%, and 0.5%,
and functionally lend themselves to several
applications that require zener diode type
performance at low voltages. Applications include a 3 V to 2.7 V low drop-out regulator, an error amplifier in
a 3 V off-line switching regulator and even as a
voltage detector. These parts are typically stable with
capacitive loads greater than 10 nF and less than 50
pF.
The LMV431, LMV431A and LMV431B provide
performance at a competitive price.




Similar Part No. - LMV431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431 NSC-LMV431 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
LMV431A NSC-LMV431A Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
More results


Similar Description - LMV431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TS432 TI-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com