Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342IDGK Datasheet (PDF) - Texas Instruments

LMV342IDGK Datasheet PDF - Texas Instruments
Part # LMV342IDGK
Download  LMV342IDGK Download
File Size   2309.3 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown

LMV342IDGK Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV342IDGK Datasheet PDF - Texas Instruments

Part # LMV342IDGK
Download  LMV342IDGK Click to download

File Size   2309.3 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown

LMV342IDGK Datasheet (HTML) - Texas Instruments


LMV342IDGK Product details

1 Features
• 2.7V and 5V performance
• Rail-to-rail output swing
• Input bias current:1pA (typical)
• Input offset voltage: 0.25mV (typical)
• Low supply current: 100μA (typical)
• Low shutdown current: 45pA (typical)
• Gain bandwidth of 1MHz (typical)
• Slew rate: 1V/μs (typical)
• Turn-on time from shutdown: 5μs (typical)
• Input referred voltage noise (at 10kHz): 20nV/√ Hz
• ESD protection exceeds JESD 22:
– 2000V Human-Body Model (HBM)
– 750V Charged-device model (CDM)

2 Applications
• Cordless and cellular phones
• Consumer electronics (laptops, PDAs)
• Audio preamplifiers for voice
• Portable, battery-powered electronic equipment
• Supply-current monitoring
• Battery monitoring
• Buffers
• Filters
• Drivers

3 Description
The LMV34x devices are single, dual, and quad
CMOS operational amplifiers, respectively, with low
voltage, low power, and rail-to-rail output swing
capabilities. The PMOS input stage offers an ultralow
input bias current of 1pA (typical) and an
offset voltage of 0.25mV (typical). The single-supply
amplifier is designed specifically for low-voltage
(2.7V to 5V) operation, with a wide common-mode
input voltage range that typically extends from –0.2V
to 0.8V from the positive supply rail. The LMV341
(single) also offers a shutdown ( SHDN) pin that can
be used to disable the device. In shutdown mode, the
supply current is reduced to 33nA (typical). Additional
features of the family are a 20nV/√ Hz voltage noise
at 10kHz, 1MHz unity-gain bandwidth, 1V/μs slew
rate, and 100μA current consumption per channel.
Offered in both the SOT-23 and smaller SC70
packages, the LMV341 is suitable for the most spaceconstraint
applications. The LMV342 dual device is
offered in the standard SOIC and VSSOP packages.
An extended industrial temperature range from –40°C
to 125°C makes these devices suitable in a wide
variety of commercial and industrial environments.




Similar Part No. - LMV342IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV342IDGK TI-LMV342IDGK Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV342IDGKR TI-LMV342IDGKR Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV342IDGKR NSC-LMV342IDGKR Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV342IDGKRG4 TI-LMV342IDGKRG4 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV342IDGKRG4 NSC-LMV342IDGKRG4 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Similar Description - LMV342IDGK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com