Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321AIDBVRG4.A Datasheet (PDF) - Texas Instruments

LMV321AIDBVRG4.A Datasheet PDF - Texas Instruments
Part # LMV321AIDBVRG4.A
Download  LMV321AIDBVRG4.A Download
File Size   3234.93 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers

LMV321AIDBVRG4.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV321AIDBVRG4.A Datasheet PDF - Texas Instruments

Part # LMV321AIDBVRG4.A
Download  LMV321AIDBVRG4.A Click to download

File Size   3234.93 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers

LMV321AIDBVRG4.A Datasheet (HTML) - Texas Instruments


LMV321AIDBVRG4.A Product details

1 Features
• Low input offset voltage: ±1mV
• Rail-to-rail output
• Unity-gain bandwidth: 1MHz
• Low broadband noise: 30nV/√ Hz
• Low input bias current: 10pA
• Low quiescent current: 70μA/Ch
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 2.5V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Extended temperature range: –40°C to 125°C

2 Applications
• Smoke detectors
• Motion detectors
• Wearable devices
• Large and small appliances
• EPOS
• Barcode scanners
• Sensor signal conditioning
• Power modules
• Personal electronics
• Active filters
• HVAC: heating, ventilating, and air conditioning
• Motor control: AC induction
• Low-side current sensing

3 Description
The LMV3xxA family includes single (LMV321A),
dual (LMV358A), and quad-channel (LMV324A) lowvoltage
(2.5V to 5.5V) operational amplifiers (op
amps) with rail-to-rail output swing capabilities. These
op amps provide a cost-effective solution for spaceconstrained
applications such as large appliances,
smoke detectors, and personal electronics where lowvoltage
operation and high capacitive-load drive are
required. The capacitive-load drive of the LMV3xxA
family is 500pF, and the resistive open-loop output
impedance makes stabilization easier with much
higher capacitive loads. These op amps are designed
specifically for low-voltage operation (2.5V to 5.5V)
with performance specifications similar to the LMV3xx
devices.
The robust design of the LMV3xxA family simplifies
circuit design. The op amps feature unity-gain
stability, an integrated RFI and EMI rejection filter, and
no-phase reversal in overdrive conditions.
The LMV3xxA family is available in industry-standard
packages such as SOIC, MSOP, SOT-23, and TSSOP
packages.




Similar Part No. - LMV321AIDBVRG4.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321AIDBVR TI1-LMV321AIDBVR Datasheet
1Mb / 37P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321AIDBVR TI1-LMV321AIDBVR Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321AIDBVR TI1-LMV321AIDBVR Datasheet
2Mb / 45P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321AIDBVR TI1-LMV321AIDBVR Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321AIDBVR TI1-LMV321AIDBVR Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - LMV321AIDBVRG4.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A_V01 Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A_V02 Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI-LMV321A_V03 Datasheet
3Mb / 53P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
FEBRUARY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com