Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZM33602RLRR Datasheet (PDF) - Texas Instruments

LMZM33602RLRR Datasheet PDF - Texas Instruments
Part # LMZM33602RLRR
Download  LMZM33602RLRR Download
File Size   2015.75 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZM33602 4-V to 36-V Input, 2-A Power Module in QFN Package

LMZM33602RLRR Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZM33602RLRR Datasheet PDF - Texas Instruments

Part # LMZM33602RLRR
Download  LMZM33602RLRR Click to download

File Size   2015.75 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZM33602 4-V to 36-V Input, 2-A Power Module in QFN Package

LMZM33602RLRR Datasheet (HTML) - Texas Instruments


LMZM33602RLRR Product details

1 Features
• Complete integrated power solution
– As few as four external components
– Minimum solution size < 100 mm2
• 9-mm × 7-mm × 4-mm QFN package
– All pins accessible from package perimeter
– Pin compatible with 3-A LMZM33603
• Input voltage range: 4 V to 36 V
• Output voltage range: 1 V to 18 V
• Efficiencies up to 95%
• Adjustable switching frequency (200 kHz to 1.2
MHz)
• Allows synchronization to an external clock
• Power-good output
• Meets EN55011 class B radiated EMI standards
• Operating IC junction range: –40°C to +125°C
• Operating ambient range: –40°C to +105°C
• Create a custom design using the LMZM33602
with the WEBENCH® Power Designer

2 Applications
• Factory and building automation
• Smart grid and energy
• Industrial
• Medical
• Defense
• Inverted output applications

3 Description
The LMZM33602 power module is an easy-to-use
integrated power solution that combines a 2-A, stepdown,
DC/DC converter with power MOSFETs, a
shielded inductor, and passives into a low-profile
package. This power solution requires as few as four
external components and eliminates the loop
compensation and magnetics part selection from the
design process.
The 9-mm × 7-mm × 4-mm, 18-pin QFN package is
easy to solder onto a printed circuit board and allows
a compact, low-profile, point-of-load design. The full
feature set, including power good, programmable
UVLO, prebias start-up, overcurrent and
overtemperature protections, make the LMZM33602
an excellent device for powering a wide range of
applications.




Similar Part No. - LMZM33602RLRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM33602RLRR TI1-LMZM33602RLRR Datasheet
747Kb / 30P
4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
More results


Similar Description - LMZM33602RLRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM63602 TI-TPSM63602 Datasheet
3Mb / 44P
TPSM63602 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 2-A Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com