Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZM33606 Datasheet (PDF) - Texas Instruments

LMZM33606 Datasheet PDF - Texas Instruments
Part # LMZM33606
Download  LMZM33606 Download
File Size   1591.64 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZM33606 3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module

LMZM33606 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZM33606 Datasheet PDF - Texas Instruments

Part # LMZM33606
Download  LMZM33606 Click to download

File Size   1591.64 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZM33606 3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module

LMZM33606 Datasheet (HTML) - Texas Instruments


LMZM33606 Product details

1 Features
1• Small Complete Solution Size: < 250 mm2
– Requires as few as 4 External Components
– 16 mm × 10 mm × 4 mm QFN Package
• Supports 5-V, 12-V, 24-V, 28-V Input Rails
– 1-V to 20-V Output Voltage Range
– Pin Compatible with 4-A LMZM33604
• Meets EN55011 Radiated Emissions
• Configurable as Negative Output Voltage
• Adjustable Features for Design Flexibility
– Switching Frequency (350 kHz to 2.2 MHz)
– Synchronization to an External Clock
– Selectable Auto Mode or FPWM Mode
– Auto: Boost Efficiency at Light Loads
– FPWM: Fixed Frequency Over Entire Load
– Adjustable Soft Start and Tracking Input
– Precision Enable to Program System UVLO
• Protection Features
– Hiccup Mode Current Limit
– Overtemperature Protection
– Power-Good Output
• Operate in Rugged Environments
– Up to 50-W Output Power at 85°C, No Airflow
– Operating Junction Range: –40°C to +125°C
– Operating Ambient Range: –40°C to +105°C
– Shock and Vibration Tested to Mil-STD-883D

2 Applications
• Industrial, Medical and Test Equipment
• General Purpose Wide VIN Regulation
• Inverted Output Applications

3 Description
The LMZM33606 power module is an easy-to-use
integrated power solution that combines a 6-A DC/DC
converter with power MOSFETs, a shielded inductor,
and passives in a low-profile package. This power
solution requires as few as four external components
and eliminates the loop compensation and inductor
part selection from the design process.
The 16 mm × 10 mm × 4 mm, 41-pin, QFN package
is easy to solder onto a printed circuit board and
allows a compact, low-profile point-of-load design.
The LMZM33606 feature set includes power good,
adjustable soft start, tracking, synchronization,
programmable UVLO, prebias start-up, selectable
auto or FPWM modes, as well as over-current and
over-temperature protection. The LMZM33606 can be
configured as negative output voltage for inverting
applications.




Similar Part No. - LMZM33606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33606RLXR TI1-LMZM33606RLXR Datasheet
979Kb / 32P
3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
More results


Similar Description - LMZM33606

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1513S RICOH-R1513S Datasheet
1Mb / 23P
Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
April 1, 2012
logo
Texas Instruments
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM63603 TI-TPSM63603 Datasheet
1Mb / 31P
TPSM63603 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 3-A Power Module
TLVM13630 TI-TLVM13630 Datasheet
1Mb / 30P
TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
TPSM63606 TI-TPSM63606 Datasheet
2Mb / 38P
TPSM63606 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 6-A Power Module With Enhanced HotRod??QFN Package
OCTOBER 2021
TLVM13630 TI-TLVM13630_V01 Datasheet
3Mb / 44P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
JANUARY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com