Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFII-LC-0049-Q Datasheet (PDF) - Abracon Corporation

AFII-LC-0049-Q Datasheet PDF - Abracon Corporation
Part # AFII-LC-0049-Q
Download  AFII-LC-0049-Q Download
File Size   714.43 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description AEC-Q200 High Rejection UWB Band Pass Ceramic Filter

AFII-LC-0049-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-LC-0049-Q Datasheet PDF - Abracon Corporation

Part # AFII-LC-0049-Q
Download  AFII-LC-0049-Q Click to download

File Size   714.43 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description AEC-Q200 High Rejection UWB Band Pass Ceramic Filter

AFII-LC-0049-Q Datasheet (HTML) - Abracon Corporation


AFII-LC-0049-Q Product details

Features
•AEC-Q200 Qualified
•TS16949 Production Line Certified
•PPAP Available Upon Request
•Supports UWB channels 5-8
•Compact in Size 2.0 x 1.25 x 0.95 mm
•Single-Ended Input and Output
•Excellent Selectivity with High Out-of-Band Rejection




Similar Part No. - AFII-LC-0049-Q

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-LC-0049-EVB ABRACON-AFII-LC-0049-EVB Datasheet
712Kb / 10P
SMD UWB High Rejection Band Pass Filter
11-25-24
More results


Similar Description - AFII-LC-0049-Q

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
3480BP39A0140 JOHANSON-3480BP39A0140 Datasheet
125Kb / 2P
3.48 GHz Band Pass Filter (UWB High Rejection BPF)
5130BP18U4060 JOHANSON-5130BP18U4060 Datasheet
130Kb / 2P
UWB (3.1 - 7.16 GHz) Band Pass Filter
4020BP39A0160 JOHANSON-4020BP39A0160 Datasheet
126Kb / 2P
4.02 GHz Band Pass Filter (UWB High Rejection BPF)
4560BP39A0180 JOHANSON-4560BP39A0180 Datasheet
133Kb / 2P
4.56 GHz Band Pass Filter (UWB High Rejection BPF)
logo
TDK Electronics
DEA453960BT-3002B1 TDK-DEA453960BT-3002B1 Datasheet
57Kb / 3P
TDK/Band Pass Filter for UWB
logo
Johanson Technology Inc...
5235CR45A0180 JOHANSON-5235CR45A0180 Datasheet
198Kb / 5P
5.24GHz High Rejection UNII-low Band Pass Filter
5697CR45A0360 JOHANSON-5697CR45A0360 Datasheet
186Kb / 5P
5.67GHz High Rejection UNII-High, Band Pass Filter
6120BP39A0240 JOHANSON-6120BP39A0240 Datasheet
127Kb / 2P
6.12 GHz Band Pass Filter (UWB High Rejection BPF)
logo
WALSIN TECHNOLOGY CORPO...
RBBPF2010A16T WALSIN-RBBPF2010A16T Datasheet
546Kb / 7P
MULTILAYER CERAMIC BAND PASS FILTER
RBBPF2010A108Q1C WALSIN-RBBPF2010A108Q1C Datasheet
556Kb / 7P
MULTILAYER CERAMIC BAND PASS FILTER
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com