Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR-4V320WDBA Datasheet (PDF) - Delta Electronics, Inc.

PMR-4V320WDBA Datasheet PDF - Delta Electronics, Inc.
Part # PMR-4V320WDBA
Download  PMR-4V320WDBA Download
File Size   1241.36 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 4.2V 252W 1 Phase / PMR-4V320WD□A

PMR-4V320WDBA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMR-4V320WDBA Datasheet PDF - Delta Electronics, Inc.

Part # PMR-4V320WDBA
Download  PMR-4V320WDBA Click to download

File Size   1241.36 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 4.2V 252W 1 Phase / PMR-4V320WD□A

PMR-4V320WDBA Datasheet (HTML) - Delta Electronics, Inc.


PMR-4V320WDBA Product details

Highlights & Features
• Universal AC input voltage range
• Full corrosion resistant aluminium casing
• Built-in active PFC and conforms to harmonic current
IEC/EN 61000-3-2, Class A and Class D
• Low profile design for 1U installation
• High reliability with fanless design
• Built-in DC OK relay contact and redundancy operation
(PMR-4V320WDBA and PMR-4V320WDCA)




Similar Part No. - PMR-4V320WDBA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMR-4V320WDXA DELTA-PMR-4V320WDXA Datasheet
1Mb / 13P
PMR Panel Mount Power Supply
More results


Similar Description - PMR-4V320WDBA

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF450A ACT-ACTF450A Datasheet
86Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF426A ACT-ACTF426A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
logo
Asahi Kasei Microsystem...
AK2400 AKM-AK2400 Datasheet
1Mb / 52P
High integrated receiver for PMR-LMR
logo
Delta Electronics, Inc.
PMR-4V320WCXA DELTA-PMR-4V320WCXA Datasheet
942Kb / 13P
PMR Panel Mount Power Supply
PMR-4V320WDXA DELTA-PMR-4V320WDXA Datasheet
1Mb / 13P
PMR Panel Mount Power Supply
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
PMR Panel Mount Power Supply
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
PMR Panel Mount Power Supply
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com