Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R16DS0441EU0101 Datasheet (PDF) - Renesas Technology Corp

R16DS0441EU0101 Datasheet PDF - Renesas Technology Corp
Part # R16DS0441EU0101
Download  R16DS0441EU0101 Download
File Size   4674.63 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V 50mA Low IQ Adjustable Output Voltage Low Dropout Regulator

R16DS0441EU0101 Datasheet (PDF)

Go To PDF Page Download Datasheet
R16DS0441EU0101 Datasheet PDF - Renesas Technology Corp

Part # R16DS0441EU0101
Download  R16DS0441EU0101 Click to download

File Size   4674.63 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V 50mA Low IQ Adjustable Output Voltage Low Dropout Regulator

R16DS0441EU0101 Datasheet (HTML) - Renesas Technology Corp


R16DS0441EU0101 Product details

▪ Wide input voltage range: up to 80V
▪ Adjustable output voltage (1.24V - 15V)
▪ Typical low-quiescent current: 5.8μA at no load
▪ Max output current: 50mA
▪ Excellent line and load regulation over temperature
with Output voltage accuracy: ±2.5%
▪ Typical shutdown current: ≤0.2μA
▪ Stable with 2.2μF minimum ceramic output capacitor
▪ Typical dropout voltage: ≤0.8V at 50mA
▪ Overcurrent and over-temperature protection
▪ Junction temperature range: -40°C to 125°C




Similar Part No. - R16DS0441EU0101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R16DS0412EU0101 RENESAS-R16DS0412EU0101 Datasheet
2Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 3A LDO
Apr 19, 2024
R16DS0422EU0100 RENESAS-R16DS0422EU0100 Datasheet
3Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Apr 25, 2024
R16DS0426EU0101 RENESAS-R16DS0426EU0101 Datasheet
2Mb / 59P
Bidirectional Buck-Boost Voltage Regulator with SMBus Interface for General 48V and USB PD
May 13, 2025
R16DS0433EU0100 RENESAS-R16DS0433EU0100 Datasheet
1Mb / 34P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 3A LDO
Sep 4, 2024
R16DS0434EU0100 RENESAS-R16DS0434EU0100 Datasheet
2Mb / 34P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Sep 17, 2024
More results


Similar Description - R16DS0441EU0101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Technology
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
logo
Analog Devices
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
logo
Linear Technology
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
logo
ON Semiconductor
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
NCP187 ONSEMI-NCP187 Datasheet
320Kb / 10P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output
August, 2020 ??Rev. 2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com