Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPESD1255P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD1255P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD1255P
Download  TPESD1255P Download
File Size   2100.83 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance Surge Protection for USB Interfaces

TPESD1255P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD1255P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD1255P
Download  TPESD1255P Click to download

File Size   2100.83 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance Surge Protection for USB Interfaces

TPESD1255P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD1255P Product details

Features

« Low operating voltage: /0(5V),VBS(13.5V)

« Ultra low capacitance: /0(0.3pF. Typ)

Ultra low leakage: nA level

o Low clamping voltage

o —IEC 61000-4-2 (ESD) immunity test

Air discharge: +30kV
Contact discharge: +30kV

—IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) (8/20ps)
1/O(4A) VBS(160A)

o 6-pin leadless package

® These are Pb-Free Devices

o Response Time is Typically < 1 ns




Similar Part No. - TPESD1255P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD1271P TECHPUBLIC-TPESD1271P Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
TPESD12U30AS3 TECHPUBLIC-TPESD12U30AS3 Datasheet
1Mb / 4P
2 -L ine bi -directional TVS Diode
TPESD12VA-SFYL TECHPUBLIC-TPESD12VA-SFYL Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
More results


Similar Description - TPESD1255P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1255P SEMTECH-RCLAMP1255P Datasheet
267Kb / 10P
Low Capacitance RClamp Surge Protection for uUSB Interfaces
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
Low Capacitance TClamp Surge Protection for 12V Interfaces
TCLAMP1272S SEMTECH-TCLAMP1272S Datasheet
782Kb / 7P
Low Capacitance TClamp Surge Protection for xDSL Interfaces
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Semtech Corporation
RCLAMP2654P SEMTECH-RCLAMP2654P Datasheet
284Kb / 9P
Low Capacitance RClamp짰 Surge Protection for USB Interfaces
RCLAMP2656P SEMTECH-RCLAMP2656P Datasheet
327Kb / 10P
Low Capacitance RClamp짰 Surge Protection for uUSB Interfaces
TCLAMP3602P SEMTECH-TCLAMP3602P Datasheet
628Kb / 7P
Low Capacitance TClamp® Surge Protection for 36V Interfaces
Rev 2.0 7/22/2019
logo
TECH PUBLIC Electronics...
RCLAMP2656P TECHPUBLIC-RCLAMP2656P Datasheet
1Mb / 5P
Low Capacitance Surge Protection for USB Interfaces
TPRCLAMP2656P TECHPUBLIC-TPRCLAMP2656P Datasheet
1Mb / 5P
Low Capacitance Surge Protection for USB Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com