Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F248TPM Datasheet (PDF) - Texas Instruments

MSP430F248TPM Datasheet PDF - Texas Instruments
Part # MSP430F248TPM
Download  MSP430F248TPM Download
File Size   1852.91 Kbytes
Page   101 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F248TPM Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F248TPM Datasheet PDF - Texas Instruments

Part # MSP430F248TPM
Download  MSP430F248TPM Click to download

File Size   1852.91 Kbytes
Page   101 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F248TPM Datasheet (HTML) - Texas Instruments


MSP430F248TPM Product details

1FEATURES
23• Low Supply-Voltage Range, 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 270 μA at 1 MHz, 2.2 V
– Standby Mode (VLO): 0.3 μA
– Off Mode (RAM Retention): 0.1 μA
• Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
• Basic Clock Module Configurations:
– Internal Frequencies up to 16 MHz
– Internal Very Low-Power LF Oscillator
– 32-kHz Crystal
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
– Resonator
– External Digital Clock Source
– External Resistor
• 12-Bit Analog-to-Digital (A/D) Converter With
Internal Reference, Sample-and-Hold, and
Autoscan Feature
• 16-Bit Timer_A With Three Capture/Compare
Registers
• 16-Bit Timer_B With Seven Capture/Compare
With Shadow Registers
• Four Universal Serial Communication
Interfaces (USCI)
– USCI_A0 and USCI_A1
– Enhanced UART Supporting Auto-Baudrate
Detection
– IrDA Encoder and Decoder
– Synchronous SPI
– USCI_B0 and USCI_B1
– I2C™
– Synchronous SPI
• On-Chip Comparator
• Supply Voltage Supervisor/Monitor With
Programmable Level Detection
• Brownout Detector
• Bootstrap Loader
• Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
• Family Members Include:
– MSP430F233
– 8KB+256B Flash Memory,
– 1KB RAM
– MSP430F235
– 16KB+256B Flash Memory
– 2KB RAM
– MSP430F247, MSP430F2471 (1)
– 32KB+256B Flash Memory
– 4KB RAM
– MSP430F248, MSP430F2481
– 48KB+256B Flash Memory
– 4KB RAM
– MSP430F249, MSP430F2491
– 60KB+256B Flash Memory
– 2KB RAM
– MSP430F2410
– 56KB+256B Flash Memory
– 4KB RAM
• Available in 64-Pin QFP and 64-Pin QFN
Packages (See Available Options)
• For Complete Module Descriptions, See
MSP430x2xx Family User’s Guide (SLAU144)
(1) The MSP430F24x1 devices are identical to the MSP430F24x
devices, with the exception that the ADC12 module is not
implemented on the MSP430F24x1.

DESCRIPTION
The Texas Instruments MSP430™ family of ultra-low power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The calibrated digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 1 μs.
The MSP430F23x, MSP430F24x(1), and MSP430F2410 series are microcontroller configurations with two builtin
16-bit timers, a fast 12-bit A/D converter (not MSP430F24x1), a comparator, four (two in MSP430F23x)
universal serial communication interface (USCI) modules, and up to 48 I/O pins. The MSP430F24x1 devices are
identical to the MSP430F24x devices, with the exception that the ADC12 module is not implemented. The
MSP430F23x devices are identical to the MSP430F24x devices, with the exception that a reduced Timer_B, one
USCI module, and less RAM are integrated.
Typical applications include sensor systems, industrial control applications, and hand-held meters.




Similar Part No. - MSP430F248TPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F248TPM TI-MSP430F248TPM Datasheet
1Mb / 91P
MIXED SIGNAL MICROCONTROLLER
MSP430F248TPM TI-MSP430F248TPM Datasheet
1Mb / 92P
MIXED SIGNAL MICROCONTROLLER
MSP430F248TPM TI-MSP430F248TPM Datasheet
1Mb / 93P
MIXED SIGNAL MICROCONTROLLER
MSP430F248TPM TI1-MSP430F248TPM Datasheet
1Mb / 92P
MIXED SIGNAL MICROCONTROLLER
MSP430F248TPMR TI-MSP430F248TPMR Datasheet
1Mb / 91P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F248TPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com