Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6294IPWT.A Datasheet (PDF) - Texas Instruments

MCP6294IPWT.A Datasheet PDF - Texas Instruments
Part # MCP6294IPWT.A
Download  MCP6294IPWT.A Download
File Size   2494.93 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MCP629x 10-MHz, Rail-to-Rail Operational Amplifier

MCP6294IPWT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6294IPWT.A Datasheet PDF - Texas Instruments

Part # MCP6294IPWT.A
Download  MCP6294IPWT.A Click to download

File Size   2494.93 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MCP629x 10-MHz, Rail-to-Rail Operational Amplifier

MCP6294IPWT.A Datasheet (HTML) - Texas Instruments


MCP6294IPWT.A Product details

1 Features
1• Gain bandwidth product: 10-MHz typical
• Operating supply voltage: 2.4 V to 5.5 V
• Rail-to-rail input/output
• Low input bias current: 1 pA
• Low quiescent current: 0.6 mA
• Input voltage noise: 8.7 nV/√Hz at f = 10 kHz
• Internal RF and EMI filter
• Extended temperature range: –40°C to 125°C
• Unity-gain stable
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance

2 Applications
• Power modules
• Smoke detectors
• HVAC: heating, ventilating, and air conditioning
• Battery-powered applications
• Sensor signal conditioning
• Photodiode amplifier
• Analog filters
• Medical instrumentation
• Notebooks and PDAs
• Barcode scanners
• Audio receiver
• Automotive infotainment

3 Description
The MCP6291 (single), MCP6292 (dual), and
MCP6294 (quad) devices comprise a family of
general-purpose, low-power operational amplifiers.
Features such as rail-to-rail input and output swings,
low quiescent current (600-μA/ch typical) combined
with a wide bandwidth of 10 MHz, and low noise (8.7
nV/√Hz at 10 kHz) make this family attractive for a
variety of applications that require a balance between
cost and performance. The low input bias current
enables the family to be used in applications with
high-source impedances.
The robust design of the MCP629x provides ease-ofuse
to the circuit designer: a unity-gain stable,
integrated RFI and EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
The MCP629x family operates over the extended
temperature range of –40°C to 125°C. The family has
a power supply range of 2.4 V to 5.5 V.




Similar Part No. - MCP6294IPWT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCP6294IPWT TI1-MCP6294IPWT Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6294IPWT TI1-MCP6294IPWT Datasheet
1Mb / 33P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6294IPWT TI1-MCP6294IPWT Datasheet
2Mb / 40P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6294IPWT TI1-MCP6294IPWT Datasheet
2Mb / 45P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
More results


Similar Description - MCP6294IPWT.A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
logo
Texas Instruments
MCP6291 TI1-MCP6291 Datasheet
1Mb / 25P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_17 Datasheet
1Mb / 28P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_19 Datasheet
2Mb / 40P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_V01 Datasheet
2Mb / 45P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com