Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5340 Datasheet (PDF) - Texas Instruments

MSP430F5340 Datasheet PDF - Texas Instruments
Part # MSP430F5340
Download  MSP430F5340 Download
File Size   2094.33 Kbytes
Page   100 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F534x Mixed-Signal Microcontrollers

MSP430F5340 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F5340 Datasheet PDF - Texas Instruments

Part # MSP430F5340
Download  MSP430F5340 Click to download

File Size   2094.33 Kbytes
Page   100 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F534x Mixed-Signal Microcontrollers

MSP430F5340 Datasheet (HTML) - Texas Instruments


MSP430F5340 Product details

1.1 Features 1
• Low Supply-Voltage Range:
3.6 V Down to 1.8 V
• Ultra-Low Power Consumption
– Active Mode (AM): All System Clocks Active
– 290 μA/MHz at 8 MHz, 3 V, Flash Program
Execution (Typical)
– 150 μA/MHz at 8 MHz, 3 V, RAM Program
Execution (Typical)
– Standby Mode (LPM3):
– Real-Time Clock (RTC) With Crystal,
Watchdog, and Supply Supervisor
Operational, Full RAM Retention, Fast
Wakeup:
1.9 μA at 2.2 V, 2.1 μA at 3 V (Typical)
– Low-Power Oscillator (VLO), General-
Purpose Counter, Watchdog, and Supply
Supervisor Operational, Full RAM Retention,
Fast Wakeup:
1.4 μA at 3 V (Typical)
– Off Mode (LPM4):
– Full RAM Retention, Supply Supervisor
Operational, Fast Wakeup:
1.1 μA at 3 V (Typical)
– Shutdown Mode (LPM4.5):
– 0.18 μA at 3 V (Typical)
• Wake up From Standby Mode in 3.5 μs (Typical)
• 16-Bit RISC Architecture, Extended Memory,
up to 25-MHz System Clock
• Flexible Power-Management System
– Fully Integrated LDO With Programmable
Regulated Core Supply Voltage
– Supply Voltage Supervision, Monitoring, and
Brownout
• Unified Clock System
– FLL Control Loop for Frequency Stabilization
– Low-Power Low-Frequency Internal Clock
Source (VLO)
– Low-Frequency Trimmed Internal Reference
Source (REFO)
– 32-kHz Watch Crystals (XT1)
– High-Frequency Crystals up to 32 MHz (XT2)
• 16-Bit Timer TA0, Timer_A With Five
Capture/Compare Registers
• 16-Bit Timer TA1, Timer_A With Three
Capture/Compare Registers
• 16-Bit Timer TA2, Timer_A With Three
Capture/Compare Registers
• 16-Bit Timer TB0, Timer_B With Seven
Capture/Compare Shadow Registers
• Two Universal Serial Communication Interfaces
(USCIs)
– USCI_A0 and USCI_A1 Each Support:
– Enhanced UART With Automatic Baud-Rate
Detection
– IrDA Encoder and Decoder
– Synchronous SPI
– USCI_B0 and USCI_B1 Each Support:
– I2C
– Synchronous SPI
• 12-Bit Analog-to-Digital Converter (ADC) With
Internal Reference, Sample-and-Hold, and
Autoscan Feature
• Comparator
• Hardware Multiplier Supports 32-Bit Operations
• Serial Onboard Programming, No External
Programming Voltage Needed
• 3-Channel Internal DMA
• Basic Timer With RTC Feature
• Device Comparison Summarizes the Available
Family Members

1.2 Applications
• Analog Sensor Systems
• Digital Sensor Systems
• Data Loggers
• General-Purpose Applications

1.3 Description
The TI MSP family of ultra-low-power microcontrollers consists of several devices that feature different
sets of peripherals targeted for various applications. The architecture, combined with extensive low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The
microcontroller features a powerful 16-bit RISC CPU, 16-bit registers, and a constant generator that
contribute to maximum code efficiency. The digitally controlled oscillator (DCO) allows the microcontroller
to wake up from low-power modes to active mode in 3.5 μs (typical).
The MSP430F534x MCU configurations feature four 16-bit timers, a high-performance 12-bit ADC, two
USCIs, a hardware multiplier, DMA, an RTC module with alarm capabilities, and 38 I/O pins.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.




Similar Part No. - MSP430F5340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5340 TI1-MSP430F5340 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F5340 TI1-MSP430F5340 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5340IRGZR TI1-MSP430F5340IRGZR Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F5340IRGZT TI1-MSP430F5340IRGZT Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F5340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com