Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733 Datasheet (PDF) - Texas Instruments

MSP430F6733 Datasheet PDF - Texas Instruments
Part # MSP430F6733
Download  MSP430F6733 Download
File Size   2261.03 Kbytes
Page   154 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers

MSP430F6733 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F6733 Datasheet PDF - Texas Instruments

Part # MSP430F6733
Download  MSP430F6733 Click to download

File Size   2261.03 Kbytes
Page   154 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers

MSP430F6733 Datasheet (HTML) - Texas Instruments


MSP430F6733 Product details

1.1 Features 1
• Low Supply Voltage Range:
3.6 V Down to 1.8 V
• Ultra-Low Power Consumption
– Active Mode (AM):
All System Clocks Active
265 μA/MHz at 8 MHz, 3.0 V, Flash Program
Execution (Typical)
140 μA/MHz at 8 MHz, 3.0 V, RAM Program
Execution (Typical)
– Standby Mode (LPM3):
Real-Time Clock (RTC) With Crystal, Watchdog,
and Supply Supervisor Operational, Full RAM
Retention, Fast Wakeup:
1.7 μA at 2.2 V, 2.5 μA at 3.0 V (Typical)
– Off Mode (LPM4):
Full RAM Retention, Supply Supervisor
Operational, Fast Wakeup:
1.6 μA at 3.0 V (Typical)
– Shutdown RTC Mode (LPM3.5):
Shutdown Mode, Active Real-Time Clock (RTC)
With Crystal:
1.24 μA at 3.0 V (Typical)
– Shutdown Mode (LPM4.5):
0.78 μA at 3.0 V (Typical)
• Wake up From Standby Mode in 3 μs (Typical)
• 16-Bit RISC Architecture, Extended Memory, up to
25-MHz System Clock
• Flexible Power Management System
– Fully Integrated LDO With Programmable
Regulated Core Supply Voltage
– Supply Voltage Supervision, Monitoring, and
Brownout
– System Operation From up to Two Auxiliary
Power Supplies
• Unified Clock System
– FLL Control Loop for Frequency Stabilization
– Low-Power Low-Frequency Internal Clock
Source (VLO)
– Low-Frequency Trimmed Internal Reference
Source (REFO)
– 32-kHz Crystals (XT1)
• One 16-Bit Timer With Three Capture/Compare
Registers
• Three 16-Bit Timers With Two Capture/Compare
Registers Each
• Enhanced Universal Serial Communication
Interfaces
– eUSCI_A0, eUSCI_A1, and eUSCI_A2
– Enhanced UART Supports Automatic Baud-
Rate Detection
– IrDA Encoder and Decoder
– Synchronous SPI
– eUSCI_B0
– I2C With Multiple Slave Addressing
– Synchronous SPI
• Password-Protected RTC With Crystal Offset
Calibration and Temperature Compensation
• Separate Voltage Supply for Backup Subsystem
– 32-kHz Low-Frequency Oscillator (XT1)
– Real-Time Clock
– Backup Memory (4 × 16 Bits)
• Three 24-Bit Sigma-Delta Analog-to-Digital
Converters (ADCs) With Differential PGA Inputs
• Integrated LCD Driver With Contrast Control for up
to 320 Segments in 8-Mux Mode
• Hardware Multiplier Supports 32-Bit Operations
• 10-Bit 200-ksps ADC
– Internal Reference
– Sample-and-Hold, Autoscan Feature
– Up to Six External Channels and Two Internal
Channels, Including Temperature Sensor
• 3-Channel Internal DMA
• Serial Onboard Programming, No External
Programming Voltage Needed
• Single-Phase Electronic Watt-Hour Meter
Development Tool (Also See Tools and Software)
– EVM430-F6736 - MSP430F6736 EVM for
Metering
– Energy Measurement Design Center for
MSP430™ MCUs
• Device Comparison Summarizes the Available
Family Members
• Available in 100-Pin and 80-Pin LQFP Packages

1.2 Applications
• 2-Wire Single-Phase Metering
• 3-Wire Single-Phase Metering
• Tamper-Resistant Meters

1.3 Description
The TI MSP family of ultra-low-power microcontrollers consists of several devices featuring different sets
of peripherals targeted for various applications. The architecture, combined with extensive low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from lowpower
modes to active mode in 3 μs (typical).
The MSP430F673x and MSP430F672x microcontrollers feature up to three high-performance 24-bit
sigma-delta ADCs, a 10-bit ADC, four enhanced universal serial communication interfaces (three
eUSCI_A modules and one eUSCI_B module), four 16-bit timers, a hardware multiplier, a DMA module,
an RTC module with alarm capabilities, an LCD driver with integrated contrast control, an auxiliary supply
system, and up to 72 I/O pins in the 100-pin devices and 52 I/O pins in the 80-pin devices.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.




Similar Part No. - MSP430F6733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F6733 TI1-MSP430F6733 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F6733A TI1-MSP430F6733A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430F6733AIPN TI1-MSP430F6733AIPN Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430F6733AIPNR TI1-MSP430F6733AIPNR Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430F6733AIPZ TI1-MSP430F6733AIPZ Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
More results


Similar Description - MSP430F6733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com