Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4794IPZR Datasheet (PDF) - Texas Instruments

MSP430F4794IPZR Datasheet PDF - Texas Instruments
Part # MSP430F4794IPZR
Download  MSP430F4794IPZR Download
File Size   1437.57 Kbytes
Page   82 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F4794IPZR Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F4794IPZR Datasheet PDF - Texas Instruments

Part # MSP430F4794IPZR
Download  MSP430F4794IPZR Click to download

File Size   1437.57 Kbytes
Page   82 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F4794IPZR Datasheet (HTML) - Texas Instruments


MSP430F4794IPZR Product details

Low Supply-Voltage Range, 1.8 V to 3.6 V
Ultra-Low Power Consumption:
− Active Mode: 280 μA at 1 MHz, 2.2 V
− Standby Mode: 1.1 μA
− Off Mode (RAM Retention): 0.2 μA
Five Power-Saving Modes
Wake-Up From Standby Mode in Less
Than 6 μs
16-Bit RISC Architecture,
62.5-ns Instruction Cycle Time
Three or Four 16-Bit Sigma-Delta
Analog-to-Digital (A/D) Converters With
Differential PGA Inputs
16-Bit Timer_B With Three
Capture/Compare-With-Shadow Registers
16-Bit Timer_A With Three
Capture/Compare Registers
On-Chip Comparator
Four Universal Serial Communication
Interfaces (USCI)
− USCI_A0 and USCI_A1
− Enhanced UART Supporting
Auto-Baudrate Detection
− IrDA Encoder and Decoder
− Synchronous SPI
− USCI_B0 and USCI_B1
− I2C
− Synchronous SPI
Integrated LCD Driver With Contrast
Control For Up To 160 Segments
32-Bit Hardware Multiplier
Brownout Detector
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
Bootstrap Loader
On Chip Emulation Module
Family Members Include:
MSP430F4783: 48KB + 256B Flash
2KB RAM
3 Sigma-Delta ADCs
MSP430F4793: 60KB + 256B Flash
2.5KB RAM
3 Sigma-Delta ADCs
MSP430F4784: 48KB + 256B Flash
2KB RAM
4 Sigma-Delta ADCs
MSP430F4794: 60KB + 256B Flash
2.5KB RAM
4 Sigma-Delta ADCs
MSP430F47x3 and MSP430F47x4 Available
In 100-Pin Plastic Quad Flatpack (QFP)
Package
For Complete Module Descriptions, See the
MSP430x4xx Family User’s Guide,
Literature Number SLAU056

description
The Texas Instruments MSP430 family of ultra-low power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6μs.
The MSP430F47xx series are microcontroller configurations targeted to single phase electricity meters with
three or four 16-bit sigma-delta A/D converters. Each channel has a differential input pair and programmable
input gain. Also integrated are two 16-bit timers, three universal serial communication interfaces (USCI), 72 I/O
pins, and a liquid crystal driver (LCD) with integrated contrast control.




Similar Part No. - MSP430F4794IPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F4794IPZR TI-MSP430F4794IPZR Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430F4794IPZR TI-MSP430F4794IPZR Datasheet
1Mb / 79P
MIXED SIGNAL MICROCONTROLLER
MSP430F4794IPZR TI1-MSP430F4794IPZR Datasheet
1Mb / 80P
MIXED SIGNAL MICROCONTROLLER
MSP430F4794IPZR TI1-MSP430F4794IPZR Datasheet
1Mb / 80P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F4794IPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com