Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F550X Datasheet (PDF) - Texas Instruments

MSP430F550X Datasheet PDF - Texas Instruments
Part # MSP430F550X
Download  MSP430F550X Download
File Size   3764.1 Kbytes
Page   134 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers

MSP430F550X Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F550X Datasheet PDF - Texas Instruments

Part # MSP430F550X
Download  MSP430F550X Click to download

File Size   3764.1 Kbytes
Page   134 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers

MSP430F550X Datasheet (HTML) - Texas Instruments


MSP430F550X Product details

1.1 Features 1
• Low supply-voltage range:
3.6 V down to 1.8 V
• Ultra-low power consumption
– Active mode (AM)
All system clocks active
– 195 μA/MHz at 8 MHz, 3 V, flash program
execution (typical)
– 115 μA/MHz at 8 MHz, 3 V, RAM program
execution (typical)
– Standby mode (LPM3)
– Real-time clock (RTC) with crystal, watchdog,
and supply supervisor operational, full RAM
retention, fast wakeup:
1.9 μA at 2.2 V, 2.1 μA at 3 V (typical)
– Low-power oscillator (VLO), general-purpose
counter, watchdog, and supply supervisor
operational, full RAM retention, fast wakeup:
1.4 μA at 3 V (typical)
– Off mode (LPM4)
Full RAM retention, supply supervisor
operational, fast wakeup:
1.1 μA at 3 V (typical)
– Shutdown mode (LPM4.5)
0.18 μA at 3 V (typical)
• Wake up from standby in less than 5 μs
• 16-bit RISC architecture, extended memory, up to
25-MHz system clock
• Flexible power-management system
– Fully integrated LDO with programmable
regulated core supply voltage
– Supply voltage supervision, monitoring, and
brownout
• Unified clock system
– FLL control loop for frequency stabilization
– Low-power low-frequency internal clock source
(VLO)
– Low-frequency trimmed internal reference
source (REFO)
– 32-kHz watch crystals (XT1)
– High-frequency crystals up to 32 MHz (XT2)
• 16-bit Timer TA0, Timer_A with five
capture/compare registers
• 16-bit Timer TA1, Timer_A with three
capture/compare registers
• 16-bit Timer TA2, Timer_A with three
capture/compare registers
• 16-bit Timer TB0, Timer_B with seven
capture/compare shadow registers
• Two universal serial communication interfaces
(USCIs)
– USCI_A0 and USCI_A1 each support:
– Enhanced UART with automatic baud-rate
detection
– IrDA encoder and decoder
– Synchronous SPI
– USCI_B0 and USCI_B1 each support:
– I2C
– Synchronous SPI
• Full-speed universal serial bus (USB)
– Integrated USB-PHY
– Integrated 3.3-V and 1.8-V USB power system
– Integrated USB-PLL
– Eight input and eight output endpoints
• 10-bit analog-to-digital converter (ADC) with
window comparator
• Comparator
• Hardware multiplier supports 32-bit operations
• Serial onboard programming, no external
programming voltage needed
• Three-channel internal DMA
• Basic timer with RTC feature
• Device Comparison summarizes the available
family members

1.2 Applications
• Analog and digital sensor systems
• Data loggers
• Connectivity to USB hosts
• Wireless headsets

1.3 Description
The TI MSP family of ultra-low-power microcontrollers consists of several devices featuring different sets
of peripherals targeted for various applications. The architecture, combined with extensive low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from lowpower
modes to active mode in less than 5 μs.
The MSP430F5510, MSP430F5509, and MSP430F5508 devices are microcontroller configurations with
integrated USB and PHY supporting USB 2.0, four 16-bit timers, a high-performance 10-bit ADC, two
USCIs (1), a hardware multiplier, DMA, an RTC module with alarm capabilities, and 31 or 47 I/O pins.
The MSP430F5507, MSP430F5506, MSP430F5505, and MSP430F5504 devices are microcontroller
configurations with integrated USB and PHY supporting USB 2.0, four 16-bit timers, a high-performance
10-bit ADC, one USCI, a hardware multiplier, DMA, an RTC module with alarm capabilities, and 31 I/O
pins.
The MSP430F5503, MSP430F5502, MSP430F5501, and MSP430F5500 devices include all of the
MSP430F5507, MSP430F5506, MSP430F5505, and MSP430F5504 peripherals, except that they have a
comparator instead of the 10-bit ADC.
Typical applications include analog and digital sensor systems and data loggers that require connectivity
to various USB hosts.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.




Similar Part No. - MSP430F550X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI1-MSP430F550X Datasheet
2Mb / 118P
Mixed-Signal Microcontrollers
MSP430F550X TI1-MSP430F550X Datasheet
3Mb / 125P
MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
More results


Similar Description - MSP430F550X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
MSP430F5507 TI1-MSP430F5507 Datasheet
3Mb / 125P
MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com