Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912-3.3DRVR Datasheet (PDF) - Texas Instruments

LP5912-3.3DRVR Datasheet PDF - Texas Instruments
Part # LP5912-3.3DRVR
Download  LP5912-3.3DRVR Download
File Size   2629.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5912 500-mA Low-Noise, Low-IQ LDO

LP5912-3.3DRVR Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5912-3.3DRVR Datasheet PDF - Texas Instruments

Part # LP5912-3.3DRVR
Download  LP5912-3.3DRVR Click to download

File Size   2629.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5912 500-mA Low-Noise, Low-IQ LDO

LP5912-3.3DRVR Datasheet (HTML) - Texas Instruments


LP5912-3.3DRVR Product details

1 Features
1• Input Voltage Range: 1.6 V to 6.5 V
• Output Voltage Range: 0.8 V to 5.5 V
• Output Current up to 500 mA
• Low Output-Voltage Noise: 12 μVRMS Typical
• PSRR at 1 kHz: 75 dB Typical
• Output Voltage Tolerance (VOUT ≥ 3.3 V): ±2%
• Low IQ (Enabled, No Load): 30 μA Typical
• Low Dropout (VOUT ≥ 3.3 V): 95 mV Typical at
500-mA Load
• Stable With 1-μF Ceramic Input and Output
Capacitors
• Thermal-Overload and Short-Circuit Protection
• Reverse Current Protection
• No Noise Bypass Capacitor Required
• Output Automatic Discharge for Fast Turnoff
• Power-Good Output With 140-μs Typical Delay
• Internal Soft-Start to Limit the In-rush Current
• –40°C to +125°C Operating Junction Temperature
Range

2 Applications
• Camera Modules
• Sensors
• HiFi Audio Radio Transceivers
• PLL/Synthesizer, Clocking
• Medium-Current, Noise-Sensitive Applications

3 Description
The LP5912 is low-noise LDO that can supply up to
500 mA of output current. Designed to meet the
requirements of RF and analog circuits, the LP5912
device provides low noise, high PSRR, low quiescent
current, and low line and load transient response.
The LP5912 offers class-leading noise performance
without a noise bypass capacitor and with the ability
for remote output capacitance placement.
The device is designed to work with a 1-μF input and
a 1-μF output ceramic capacitor (no separate noise
bypass capacitor required).
This device is available with fixed output voltages
from 0.8 V to 5.5 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.




Similar Part No. - LP5912-3.3DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-3.3DRVR TI1-LP5912-3.3DRVR Datasheet
2Mb / 33P
LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-3.3DRVR TI1-LP5912-3.3DRVR Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-3.3DRVR TI1-LP5912-3.3DRVR Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
More results


Similar Description - LP5912-3.3DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP_V01 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com